Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6281G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC Adjustable dead time with shoot through protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6281G Datasheet HTML 5Page - Infineon Technologies AG TLE6281G Datasheet HTML 6Page - Infineon Technologies AG TLE6281G Datasheet HTML 7Page - Infineon Technologies AG TLE6281G Datasheet HTML 8Page - Infineon Technologies AG TLE6281G Datasheet HTML 9Page - Infineon Technologies AG TLE6281G Datasheet HTML 10Page - Infineon Technologies AG TLE6281G Datasheet HTML 11Page - Infineon Technologies AG TLE6281G Datasheet HTML 12Page - Infineon Technologies AG TLE6281G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
9
Rev 2.3 2007-01-11
output stage the ER1 is pulled down. This shut down can be caused by undervoltage or
short circuit. In this condition ER2 indicates the reason for the shut down.
Condition of
ER1 pin
Condition of
ER2 pin
Function
5V
5V
no errors
5V
0V
overtemperature warning of driver IC
0V
5V
Shut down of any output stage caused by short circuit
0V
0V
Shut down of any output stage caused by undervoltage
Recommended Start-up procedure
The following procedure is recommended whenever the Driver IC is powered up:
• Disable the Driver IC via DT/DIS pin
• Wait until the bootstrap capacitors CBx are charged (the waiting time depends on
application conditions, e.g. CBx and RBx)
• Enable the Driver IC via DT/DIS pin
• Start the operation by applying the desired pulse patterns. Do not apply any pulse pat-
terns to the PWM or DIR pin, before the CBx capacitors are charged up.
Shut down of the driver
A shut down can be caused by undervoltage or short circuit. A short circuit will shut down
only the affected Mosfet until a reset of the error register by a disable of the driver occurs. A
shut down due to short circuit will occur only when the Short Circuit criteria VDS(SCP) is met for
a duration equal to or longer than the Short Circuit filter time tSCP(off). Yet, the exposure to or
above VDS(SCP) is not counted or accumulated. Hence, repetitive Short Circuit conditions
shorter than tscp(off) will not result in a shut down of the affected MOSFET.
An undervoltage shut down shuts only the affected output down. The affected output will
auto restart after the undervoltage situation is over.
Operation at Vs<12V
If Vs<11.5V the gate voltage will not reach 10V. It will reach approx Vs-1.5V, dependent on
duty cyle, bootstrap capacitor, total gate charge of the external Mosfet and switching fre-
quency.
Operation at different voltages for Vs, DH1 and DH2
If DH1 and DH2 are used with a voltage higher than Vs, a duty cycle of 100% can not be
guaranteed. In this case the driver is acting like a normal driver IC based on the bootstrap
principle. This means that after a maximum “On” time of the highside switch of more than
1ms a refresh pulse to charge the bootstrap capacitor of about 1µs is needed to avoid un-
dervoltage lock out of this output stage.
Operation at extreme duty cycle:
The integrated charge pump allows an operation at 100% duty cycle. The charge pump is
strong enough to replace leakage currents during “on”-phase of the highside switch. The
gate charge for fast switching of the highside switches is supplied by the bootstrap capaci-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com