Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6281G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC Adjustable dead time with shoot through protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6281G Datasheet HTML 6Page - Infineon Technologies AG TLE6281G Datasheet HTML 7Page - Infineon Technologies AG TLE6281G Datasheet HTML 8Page - Infineon Technologies AG TLE6281G Datasheet HTML 9Page - Infineon Technologies AG TLE6281G Datasheet HTML 10Page - Infineon Technologies AG TLE6281G Datasheet HTML 11Page - Infineon Technologies AG TLE6281G Datasheet HTML 12Page - Infineon Technologies AG TLE6281G Datasheet HTML 13Page - Infineon Technologies AG TLE6281G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
10
Rev 2.3 2007-01-11
tors. This means, that the bootstrap capacitor needs a minimum charging time of about 1µs,
if the highside switch is operated in PWM mode (e.g. with 20kHz a maximum duty cycle of
96% can be reached). The exact value for the upper limit is given by the RC time formed by
the impedance of the internal bootstrap diode and the capacitor formed by the external Mos-
fet (CMosfet=QGate / VGS). The size of the bootstrap capacitor has to be adapted to the external
MOSFET the driver IC has to drive. Usually the bootstrap capacitor is about 10-20 times big-
ger than CMosfet. External components at the Vs Pin have to be considered, too.
The charge pump is active when the highside switch is “ON” and the voltage level at the SHx
is higher than 4V. Only under these conditions the bootstrap capacitor is charged by the
charge pump.
Estimation of power loss within the Driver IC
The power loss within the Driver IC is strongly dependent on the use of the driver and the
external components. Nevertheless a rough estimation of the worst case power loss is pos-
sible.
Worst case calculation is:
PLoss = (Qgate*n*const* fPWM + IVS(open))* VVs - PRGate
With:
PLoss = Power loss within the Driver IC
fPWM = Switching freqency
Qgate = Total gate charge of used MOSFETs at 10V VGS
n
= Number of switched MOSFETs
const = Constant considering some leakage current in the driver (about 1.2)
IVS(open) = Current consumption of driver without connected Mosfets during switching
VVS
= Voltage at Vs
PRGate = Power dissipation in the external gate resistors
This value can be reduced dramatically by usage of external gate resistors.
Conditions :
Junction temperature Tj = 25
oC
Number of switched MOSFET n = 2
Power dissipation in the external gate resistors PRGate = 0,2*PLoss
Estimated Power Loss PLOSS within the Driver IC
for different supply voltages Vs
at QG = 100nC @ VGS = 10V
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0
10
203040
5060
PWM Frequency (kHz)
Vs = 8V
Vs = 14V
Vs = 18V
Estimated Power Loss PLOSS within the Driver IC
for different gate charges QG
at supply voltage Vs = 14V
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0
102030
4050
60
PWM Frequency (kHz)
QG = 50nC
QG = 100nC
QG = 200nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com