Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4274 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4274
Description  Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4274 Datasheet HTML 1Page - Infineon Technologies AG TLE4274 Datasheet HTML 2Page - Infineon Technologies AG TLE4274 Datasheet HTML 3Page - Infineon Technologies AG TLE4274 Datasheet HTML 4Page - Infineon Technologies AG TLE4274 Datasheet HTML 5Page - Infineon Technologies AG TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet
2
Rev. 2.3, 2008-03-10
TLE 4274 / 3.3V;2.5V
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the
output voltage and drives the base of the series transistor via a buffer. Saturation control
as a function of the load current prevents any oversaturation of the power element. The
IC also includes a number of internal circuits for protection against:
•
Overload
•
Overtemperature
•
Reverse polarity
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1I
Input; block to ground directly at the IC with a ceramic capacitor.
2, 4
GND
Ground; PG-TO252-3-11: internally connected to heatsink
3Q
Output; block to ground with capacitor
C
Q ≥ 10 µF, ESR ≤ 2.5 Ω
AEP02561
13
Ι
Q
GND
1
2
3
4
Ι
GND
GND
AEP02282
Q
PG-SOT223-4
PG-TO252-3-11 (D-PAK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com