Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4274 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4274
Description  Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4274 Datasheet HTML 1Page - Infineon Technologies AG TLE4274 Datasheet HTML 2Page - Infineon Technologies AG TLE4274 Datasheet HTML 3Page - Infineon Technologies AG TLE4274 Datasheet HTML 4Page - Infineon Technologies AG TLE4274 Datasheet HTML 5Page - Infineon Technologies AG TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Type
Package
TLE 4274 GSV33
PG-SOT223-4
TLE 4274 DV33
PG-TO252-3-11
TLE 4274 GSV25
PG-SOT223-4
Voltage Regulator
TLE 4274 / 3.3V;2.5V
P-SOT223-4
P-TO252-3-1
Data Sheet
1
Rev. 2.3, 2008-03-10
Features
•
Output voltage: 3.3 V/2.5 V
± 4%
•
Current capability 400 mA
•
Very low current consumption
•
Short-circuit proof
•
Reverse polarity proof
•
Suitable for use in automotive electronics
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE 4274 / 3.3V;2.5V is a voltage regulator available
in a SOT223 and TO252 package. The IC regulates an
input voltage up to 40 V to
V
Qrated = 3.3 V/2.5 V. The
maximum output current is 400 mA. The IC is short-
circuit proof and has a shutdown circuit protecting it
against overtemperature. The TLE 4274 is also available
as 5 V, 8.5 V and 10 V version. Please refer to the data
sheet TLE 4274.
Dimensioning Information on External Components
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the oscillating of input inductivity and input capacitance can
be damped. The output capacitor
C
Q is necessary for the stability of the regulation circuit.
Stability is guaranteed for capacities
C
Q ≥ 10 µF with an ESR of ≤ 2.5 Ω within the
operating temperature range.


Similar Part No. - TLE4274

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4274 SIEMENS-TLE4274 Datasheet
81Kb / 13P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
TLE4274 INFINEON-TLE4274 Datasheet
207Kb / 16P
Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
More results

Similar Description - TLE4274

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Renesas Technology Corp
M62293FP RENESAS-M62293FP Datasheet
115Kb / 7P
3.3 V, 2.5 V Fixed 2-Output Voltage DC/DC Converter
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Infineon Technologies A...
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com