Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4264G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4264G
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4264G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4264G Datasheet HTML 3Page - Infineon Technologies AG TLE4264G Datasheet HTML 4Page - Infineon Technologies AG TLE4264G Datasheet HTML 5Page - Infineon Technologies AG TLE4264G Datasheet HTML 6Page - Infineon Technologies AG TLE4264G Datasheet HTML 7Page - Infineon Technologies AG TLE4264G Datasheet HTML 8Page - Infineon Technologies AG TLE4264G Datasheet HTML 9Page - Infineon Technologies AG TLE4264G Datasheet HTML 10Page - Infineon Technologies AG TLE4264G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
8
Rev. 2.3, 2008-03-07
TLE 4264
Output Voltage
V
Q versus
Temperature
T
j
Output Voltage
V
Q versus
Input Voltage
V
i
Output Current
I
Q versus
Input Voltage
V
i
4.60
-40
AED01982
VQ
040
80
160
4.80
5.00
V
5.20
120 C
4.70
4.90
5.10
i
V = 13.5 V
j
T
0
0
AED01984
V
Q
24
6
10
2
4
V
6
8
1
3
5
L
R =50
Ω
Ι
V
V
0
0
AED01983
=
C
125
25 C
=
Q
Ι
VΙ
10
20
30
40
50
50
100
150
200
mA
V
j
T
j
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com