Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4264G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4264G
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4264G Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4264G Datasheet HTML 1Page - Infineon Technologies AG TLE4264G Datasheet HTML 2Page - Infineon Technologies AG TLE4264G Datasheet HTML 3Page - Infineon Technologies AG TLE4264G Datasheet HTML 4Page - Infineon Technologies AG TLE4264G Datasheet HTML 5Page - Infineon Technologies AG TLE4264G Datasheet HTML 6Page - Infineon Technologies AG TLE4264G Datasheet HTML 7Page - Infineon Technologies AG TLE4264G Datasheet HTML 8Page - Infineon Technologies AG TLE4264G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet
2
Rev. 2.3, 2008-03-07
TLE 4264
Figure 1
Pin Configuration (top view)
Circuit Description
The control amplifier compares a reference voltage, which is kept highly precise by
resistance adjustment, to a voltage that is proportional to the output voltage and drives
the base of the series transistor via a buffer. Saturation control, working as a function of
load current, prevents any over-saturation of the power element. The IC is protected
against overload, overtemperature and reverse polarity.
Table 1
Pin Definitions and Functions
Pin
Symbol
Function
1
V
I
Input voltage; block to ground directly on IC with
ceramic capacitor
2, 4
GND
Ground
3
V
Q
5-V output voltage; block to ground with
≥ 10 µF
capacitor, ESR
≤ 10 Ω
AEP01526
123
4
GND
V
Q
Ι
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com