Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4274 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4274
Description  Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4274 Datasheet HTML 2Page - Infineon Technologies AG TLE4274 Datasheet HTML 3Page - Infineon Technologies AG TLE4274 Datasheet HTML 4Page - Infineon Technologies AG TLE4274 Datasheet HTML 5Page - Infineon Technologies AG TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG TLE4274 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
6
Rev. 1.6, 2007-01-23
TLE 4274
Table 4
Characteristics
V
I = 13.5 V; -40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
Min.
Typ.
Max.
Output voltage
V50-Version
V
Q
4.8
5
5.2
V
5 mA <
I
Q < 400 mA
6 V <
V
I < 28 V
Output voltage
V50-Version
V
Q
4.8
5
5.2
V
5 mA <
I
Q < 200 mA
6 V <
V
I < 40 V
Output voltage
V85-Version
V
Q
8.16
8.5
8.84
V
5 mA <
I
Q < 400 mA
9.5 V <
V
I < 28 V
Output voltage
V85-Version
V
Q
8.16
8.5
8.84
V
5 mA <
I
Q < 200 mA
9.5 V <
V
I < 40 V
Output voltage
V10-Version
V
Q
9.6
10
10.4
V
5 mA <
I
Q < 400 mA
11 V <
V
I < 28 V
Output voltage
V10-Version
V
Q
9.6
10
10.4
V
5 mA <
I
Q < 200 mA
11 V <
V
I < 40 V
Output current
limitation1)
1) Measured when the output voltage
VQ has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
I
Q
400
600
–
mA
–
Current
consumption;
I
q = II - IQ
I
q
–
100
220
µA
I
Q = 1 mA
Current
consumption;
I
q = II - IQ
I
q
I
q
–
–
8
20
15
30
mA
mA
I
Q = 250 mA
I
Q = 400 mA
Drop voltage1)
V
dr
–
250
500
mV
I
Q = 250 mA
V
dr = VI - VQ
Load regulation
∆VQ
–
2050mV
I
Q = 5 mA to 400 mA
Line regulation
∆VQ
–
1025mV
∆Vl = 12 V to 32 V
I
Q = 5 mA
Power supply
ripple rejection
PSRR
–60
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Temperature
output voltage drift
d
V
Q/dT
–0.5
–
mV/K –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com