Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4274 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4274
Description  Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4274 Datasheet HTML 1Page - Infineon Technologies AG TLE4274 Datasheet HTML 2Page - Infineon Technologies AG TLE4274 Datasheet HTML 3Page - Infineon Technologies AG TLE4274 Datasheet HTML 4Page - Infineon Technologies AG TLE4274 Datasheet HTML 5Page - Infineon Technologies AG TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Type
Package
TLE 4274 V10
PG-TO220-3-1 (RoHS compliant)
TLE 4274 V50
PG-TO220-3-1 (RoHS compliant)
TLE 4274 V85
PG-TO220-3-1 (RoHS compliant)
TLE 4274 DV50
PG-TO252-3-11 (RoHS compliant)
TLE 4274 GV10
PG-TO263-3-1 (RoHS compliant)
TLE 4274 GV50
PG-TO263-3-1 (RoHS compliant)
TLE 4274 GV85
PG-TO263-3-1 (RoHS compliant)
Low Drop Voltage Regulator
TLE 4274
^
P-TO220-3-1
PG-TO220-3-1
P-TO252-3-11
PG-TO252-3-11
P-TO263-3-1
PG-TO263-3-1
Data Sheet
1
Rev. 1.6, 2007-01-23
Features
•
Output voltage 5 V, 8.5 V or 10 V
•
Output voltage tolerance
≤ ±4%
•
Current capability 400 mA
•
Low-drop voltage
•
Very low current consumption
•
Short-circuit proof
•
Reverse polarity proof
•
Suitable for use in automotive electronics
•
Green Product (RoHS compliant) version of TLE 4274
•
AEC qualified
Functional Description
The TLE 4274 is a low drop voltage regulator available in
a TO220, TO252 and TO263 package. The IC regulates
an input voltage up to 40 V to
V
Qrated = 5.0 V (V50), 8.5 V
(V85) and 10 V (V10). The maximum output current is
400 mA. The IC is short-circuit proof and incorporates
temperature protection that disables the IC at
overtemperature. A 3.3 V and 2.5 V version is also
available. For information about the low output voltage
types please refer to the data sheet TLE 4274 / 3.3 V;
2.5 V.


Similar Part No. - TLE4274

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4274 SIEMENS-TLE4274 Datasheet
81Kb / 13P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
TLE4274 INFINEON-TLE4274 Datasheet
225Kb / 13P
Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
Rev. 2.3, 2008-03-10
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
More results

Similar Description - TLE4274

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276-2 INFINEON-TLE4276-2 Datasheet
281Kb / 16P
Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
Rev. 1.1, 2007-09-21
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com