Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4295 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4295
Description  Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4295 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4295 Datasheet HTML 1Page - Infineon Technologies AG TLE4295 Datasheet HTML 2Page - Infineon Technologies AG TLE4295 Datasheet HTML 3Page - Infineon Technologies AG TLE4295 Datasheet HTML 4Page - Infineon Technologies AG TLE4295 Datasheet HTML 5Page - Infineon Technologies AG TLE4295 Datasheet HTML 6Page - Infineon Technologies AG TLE4295 Datasheet HTML 7Page - Infineon Technologies AG TLE4295 Datasheet HTML 8Page - Infineon Technologies AG TLE4295 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLE 4295
Data Sheet
5
Rev. 1.4, 2008-04-21
Table 4
Electrical Characteristics
V
I = 13.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Output
Output voltage
V26 version
V
Q
2.50
2.60
2.70
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
Output voltage
V26 version
V
Q
2.50
2.60
2.70
V
I
Q = 10 mA
3.5 V <
V
I < 40 V
Output voltage
V30 version
V
Q
2.88
3.0
3.12
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
Output voltage
V30 version
V
Q
2.88
3.0
3.12
V
I
Q = 10 mA
4 V <
V
I < 40 V
Output voltage
V33 version
V
Q
3.17
3.30
3.43
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
Output voltage
V33 version
V
Q
3.17
3.30
3.43
V
I
Q = 10 mA
4.3 V <
V
I < 40 V
Output voltage
V50 version
V
Q
4.80
5.00
5.20
V
1 mA <
I
Q < 30 mA
V
I = 13.5 V
Output voltage
V50 version
V
Q
4.80
5.00
5.20
V
I
Q = 10 mA
6 V <
V
I < 40 V
Output current limitation
I
Q
30
–
–
mA
1)
Drop voltage
V
dr
–
0.25
0.40
V
I
Q = 20 mA
1)
Output capacitor
C
Q
2.2
–
–
µF
ESR
≤ 5 Ω
at 10 kHz
Current Consumption
Current consumption
I
q = II - IQ
I
q
–24mA
I
Q < 30 mA
Current consumption
I
q = II - IQ
I
q
–120
200
µA
I
Q < 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com