Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4295 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4295
Description  Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4295 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4295 Datasheet HTML 2Page - Infineon Technologies AG TLE4295 Datasheet HTML 3Page - Infineon Technologies AG TLE4295 Datasheet HTML 4Page - Infineon Technologies AG TLE4295 Datasheet HTML 5Page - Infineon Technologies AG TLE4295 Datasheet HTML 6Page - Infineon Technologies AG TLE4295 Datasheet HTML 7Page - Infineon Technologies AG TLE4295 Datasheet HTML 8Page - Infineon Technologies AG TLE4295 Datasheet HTML 9Page - Infineon Technologies AG TLE4295 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet
6
Rev. 1.4, 2008-04-21
TLE 4295
Regulator Performance
Load regulation
|
∆V
Q|
–
10
25
mV
1 mA <
I
Q < 25 mA;
T
j = 25 °C
Load regulation
|
∆V
Q|
–
10
30
mV
1 mA <
I
Q < 25 mA
Line regulation
|
∆V
Q|–
5
25
mV
∆V
I = VI, min to 36 V;
I
Q = 5 mA;
T
j = 25 °C
Line regulation
|
∆V
Q|
–
10
30
mV
∆V
I = VI, min to 36 V;
I
Q = 5 mA
Power Supply Ripple
Rejection
PSRR
–60
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Power Fail Output
Power fail threshold
V
QPF
–
4.86
–
V
TLE 4295 GV50
–
3.20
–
V
TLE 4295 GV33
–
2.91
–
V
TLE 4295 GV30
–
2.52
–
V
TLE 4295 GV26
Power Fail Headroom
V
Qnom -
V
QPF
50
140
300
mV
TLE 4295 GV50
33
100
200
mV
TLE 4295 GV33
30
90
180
mV
TLE 4295 GV30
27
80
160
mV
TLE 4295 GV26
Power fail low voltage
V
PFL
–150
300
mV
I
PF = 0.1 mA
Pull-up resistor
R
PF
70
100
130
k
Ω
internal connected to
V
Q
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
Table 4
Electrical Characteristics (cont’d)
V
I = 13.5 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com