Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9201FDH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC9201FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9201FDH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC9201FDH Datasheet HTML 17Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 18Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 19Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 20Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 21Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
FMADRH
Program flash
address high
E7H
00
0000 0000
FMADRL
Program flash
address low
E6H
00
0000 0000
FMCON
Program flash
control (Read)
E4H
BUSY
-
-
-
HVA
HVE
SV
OI
70
0111 0000
Program flash
control (Write)
E4H
FMCMD.7
FMCMD.6
FMCMD.5
FMCMD.4
FMCMD.3
FMCMD.2
FMCMD.1
FMCMD.0
FMDATA
Program flash
data
E5H
00
0000 0000
I2ADR
I2C-bus slave
address
register
DBH
I2ADR.6
I2ADR.5
I2ADR.4
I2ADR.3
I2ADR.2
I2ADR.1
I2ADR.0
GC
00
0000 0000
Bit address
DF
DE
DD
DC
DB
DA
D9
D8
I2CON*
I2C-bus control
register
D8H
-
I2EN
STA
STO
SI
AA
-
CRSEL
00
x000 00x0
I2DAT
I2C-bus data
register
DAH
I2SCLH
Serial clock
generator/SCL
duty cycle
register high
DDH
00
0000 0000
I2SCLL
Serial clock
generator/SCL
duty cycle
register low
DCH
00
0000 0000
I2STAT
I2C-bus status
register
D9H
STA.4
STA.3
STA.2
STA.1
STA.0
0
0
0
F8
1111 1000
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt
enable 0
A8H
EA
EWDRT
EBO
ES/ESR
ET1
EX1
ET0
EX0
00
0000 0000
Bit address
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*
Interrupt
enable 1
E8H
EAD
EST
-
-
-
EC
EKBI
EI2C
00[1]
00x0 0000
Table 6.
Special function registers - P89LPC9241/9251 …continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com