Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9201FDH Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89LPC9201FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9201FDH Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89LPC9201FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC9201FDH Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
29 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
7.13 Memory organization
The various P89LPC9201/9211/922A1/9241/9251 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00H:7FH) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the Stack
may be in this area.
• IDATA
Indirect Data. 256 bytes of internal data memory space (00H:FFH) accessed via
indirect addressing using instructions other than MOVX and MOVC. All or part of the
Stack may be in this area. This area includes the DATA area and the 128 bytes
immediately above it.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and status
registers, accessible only via direct addressing.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC9201/9211/922A1/9241/9251 has 2 kB/4 kB/8 kB of
on-chip Code memory.
7.14 Data RAM arrangement
The 256 bytes of on-chip RAM are organized as shown in Table 8.
7.15 Interrupts
The P89LPC9201/9211/922A1/9241/9251 uses a four priority level interrupt structure.
This allows great flexibility in controlling the handling of the many interrupt sources. The
P89LPC9201/9211/922A1/9241/9251 supports 12/13 interrupt sources: external
interrupts 0 and 1, timers 0 and 1, serial port TX, serial port RX, combined serial port
RX/TX, brownout detect, watchdog/RTC, I2C-bus, keyboard, comparators 1 and 2, A/D
Converter (P89LPC9241/9251).
Each interrupt source can be individually enabled or disabled by setting or clearing a bit in
the interrupt enable registers IEN0 or IEN1. The IEN0 register also contains a global
disable bit, EA, which disables all interrupts.
Each interrupt source can be individually programmed to one of four priority levels by
setting or clearing bits in the interrupt priority registers IP0, IP0H, IP1 and IP1H. An
interrupt service routine in progress can be interrupted by a higher priority interrupt, but
not by another interrupt of the same or lower priority. The highest priority interrupt service
cannot be interrupted by any other interrupt source. If two requests of different priority
levels are pending at the start of an instruction, the request of higher priority level is
serviced.
Table 8.
On-chip data memory usages
Type
Data RAM
Size (bytes)
DATA
Memory that can be addressed directly and indirectly
128
IDATA
Memory that can be addressed indirectly
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com