Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85232 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCA85232
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCA85232 Datasheet HTML 17Page - NXP Semiconductors PCA85232 Datasheet HTML 18Page - NXP Semiconductors PCA85232 Datasheet HTML 19Page - NXP Semiconductors PCA85232 Datasheet HTML 20Page - NXP Semiconductors PCA85232 Datasheet HTML 21Page - NXP Semiconductors PCA85232 Datasheet HTML 22Page - NXP Semiconductors PCA85232 Datasheet HTML 23Page - NXP Semiconductors PCA85232 Datasheet HTML 24Page - NXP Semiconductors PCA85232 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
21 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
The PCA85232 includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. In the static drive mode, the bank-select command may request the contents
of row 2 to be selected for display instead of the contents of row 0. In the 1:2 multiplex
mode, the contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives
the provision for preparing display information in an alternative bank and to be able to
switch to it once it is assembled.
7.14 Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command (see
Table 14). The input bank selector functions independently to the output bank selector.
7.15 Blinker
The display blinking capabilities of the PCA85232 are very versatile. The whole display
can blink at frequencies selected by the blink-select command (see Table 15). The blink
frequencies are fractions of the clock frequency. The ratios between the clock and blink
frequencies depend on the blink mode in which the device is operating (see Table 6).
An additional feature is for an arbitrary selection of LCD elements to blink. This applies to
the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. By means of the output bank selector, the displayed RAM
banks are exchanged with alternate RAM banks at the blink frequency. This mode can
also be specified by the blink-select command (see Table 15).
In the 1:3 and 1:4 multiplex modes, where no alternate RAM bank is available, groups of
LCD elements can blink selectively by changing the display RAM data at fixed time
intervals.
The entire display can blink at a frequency other than the nominal blinking frequency. This
can be effectively performed by resetting and setting the display enable bit E at the
required rate using the mode-set command (see Table 10).
7.16 Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a Serial DAta line (SDA) and a Serial CLock line (SCL). Both lines must
be connected to a positive supply via a pull-up resistor when connected to the output
stages of a device. Data transfer may be initiated only when the bus is not busy.
Table 6.
Blink frequencies
Assuming that fclk = 3.500 kHz.
Blink mode
Operating mode ratio
Blink frequency
off
-
blinking off
1~4.56 Hz
2~2.28 Hz
3~1.14 Hz
f
blink
f
clk
768
---------
=
f
blink
f
clk
1536
------------
=
f
blink
f
clk
3072
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com