Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85232 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA85232
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA85232 Datasheet HTML 12Page - NXP Semiconductors PCA85232 Datasheet HTML 13Page - NXP Semiconductors PCA85232 Datasheet HTML 14Page - NXP Semiconductors PCA85232 Datasheet HTML 15Page - NXP Semiconductors PCA85232 Datasheet HTML 16Page - NXP Semiconductors PCA85232 Datasheet HTML 17Page - NXP Semiconductors PCA85232 Datasheet HTML 18Page - NXP Semiconductors PCA85232 Datasheet HTML 19Page - NXP Semiconductors PCA85232 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
16 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
7.5 Oscillator
The internal logic and the LCD drive signals of the PCA85232 are timed by a frequency
fclk which either is derived from the built-in oscillator frequency fosc:
(6)
or equals an external clock frequency fclk(ext):
(7)
Remark: A clock signal must always be supplied to the device; removing the clock may
freeze the LCD in a DC state, which is not suitable for the liquid crystal.
7.5.1 Internal clock
The internal oscillator is enabled by connecting pin OSC to VSS. In this case the output
from pin CLK provides the clock signal for cascaded PCA85232 in the system. However,
the clock signal is only available at pin CLK, if the display is enabled. The display is
enabled using the display enable bit (see Table 10).
The output clock frequency is like specified in Table 19 with parameter fclk.
7.5.2 External clock
Connecting pin OSC to VDD enables an external clock source. Pin CLK then becomes the
external clock input.
7.6 Timing and frame frequency
The timing of the PCA85232 organizes the internal data flow of the device. This includes
the transfer of display data from the display RAM to the display segment outputs.
In cascaded applications, the synchronization signal (SYNC) maintains the correct timing
relationship between the PCA85232 in the system.
When the internal clock is used, the clock frequency can be programmed by software
such that the frame frequency can be chosen in the range of 117 Hz to 176 Hz (see
Table 16). The internal oscillator is calibrated within an accuracy of
±5.1 % (at
VDD =5.0 V; Tamb =30 °C).
The timing also generates the LCD frame frequency derived from an integer division of fclk
(see Table 16).
7.7 Display register
The display register holds the display data while the corresponding multiplex signals are
generated.
f
clk
f
osc
64
--------
=
f
clk
f
clk ext
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com