Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS50 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF1ICS50
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS50 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF1ICS50 Datasheet HTML 4Page - NXP Semiconductors MF1ICS50 Datasheet HTML 5Page - NXP Semiconductors MF1ICS50 Datasheet HTML 6Page - NXP Semiconductors MF1ICS50 Datasheet HTML 7Page - NXP Semiconductors MF1ICS50 Datasheet HTML 8Page - NXP Semiconductors MF1ICS50 Datasheet HTML 9Page - NXP Semiconductors MF1ICS50 Datasheet HTML 10Page - NXP Semiconductors MF1ICS50 Datasheet HTML 11Page - NXP Semiconductors MF1ICS50 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MF1ICS50_001056
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 5.6 — 24 November 2010
001056
8 of 20
NXP Semiconductors
MF1ICS50
Functional specification
6.6.1 Manufacturer block
This is the first data block (block 0) of the first sector (sector 0). It contains the IC
manufacturer data. Due to security and system requirements this block is write protected
after having been programmed by the IC manufacturer at production.
6.6.2 Data blocks
All sectors contain 3 blocks of 16 bytes for storing data (Sector 0 contains only two data
blocks and the read-only manufacturer block).
The data blocks can be configured by the access bits as
• read/write blocks for e.g. contactless access control or
• value blocks for e.g. electronic purse applications, where additional commands like
increment and decrement for direct control of the stored value are provided.
An authentication command has to be carried out before any memory operation in order to
allow further commands.
6.6.2.1
Value Blocks
The value blocks allow to perform electronic purse functions (valid commands: read, write,
increment, decrement, restore, transfer).The value blocks have a fixed data format which
permits error detection and correction and a backup management.
A value block can only be generated through a write operation in the value block format:
• Value: Signifies a signed 4-byte value. The lowest significant byte of a value is stored
in the lowest address byte. Negative values are stored in standard 2´s complement
format. For reasons of data integrity and security, a value is stored three times, twice
non-inverted and once inverted.
Fig 5.
Manufacturer block
Byte
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Serial Number
Check Byte
Manufacturer Data
x
x
x
x
x
x
x
x
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com