Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS50 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MF1ICS50
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS50 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MF1ICS50 Datasheet HTML 10Page - NXP Semiconductors MF1ICS50 Datasheet HTML 11Page - NXP Semiconductors MF1ICS50 Datasheet HTML 12Page - NXP Semiconductors MF1ICS50 Datasheet HTML 13Page - NXP Semiconductors MF1ICS50 Datasheet HTML 14Page - NXP Semiconductors MF1ICS50 Datasheet HTML 15Page - NXP Semiconductors MF1ICS50 Datasheet HTML 16Page - NXP Semiconductors MF1ICS50 Datasheet HTML 17Page - NXP Semiconductors MF1ICS50 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MF1ICS50_001056
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 5.6 — 24 November 2010
001056
14 of 20
NXP Semiconductors
MF1ICS50
Functional specification
6.7.3 Access conditions for data blocks
Depending on the access bits for data blocks (blocks 0...2) the read/write access is
specified as ‘never’, ‘key A’, ‘key B’ or ‘key A|B’ (key A or key B). The setting of the
relevant access bits defines the application and the corresponding applicable commands.
• Read/write block: The operations read and write are allowed.
• Value block: Allows the additional value operations increment, decrement, transfer
and restore. In one case (‘001’) only read and decrement are possible for a
non-rechargeable card. In the other case (‘110’) recharging is possible by using key B.
• Manufacturer block: The read-only condition is not affected by the access bits setting!
• Key management: In transport configuration key A must be used for authentication1
[1]
if Key B may be read in the corresponding Sector Trailer it cannot serve for authentication (all grey marked
lines in previous table). Consequences: If the reader tries to authenticate any block of a sector with key B
using grey marked access conditions, the card will refuse any subsequent memory access after
authentication.
1.If Key B may be read in the corresponding Sector Trailer it cannot serve for authentication (all grey marked lines in previous
table). Consequences: If the RDW tries to authenticate any block of a sector with key B using grey marked access conditions, the
card will refuse any subsequent access after authentication.
Table 4.
Access conditions for data blocks
Access bits
Access condition for
Application
C1
C2
C3
read
write
increment
decrement,
transfer,
restore
0
0
0
key A|B[1]
key A|B1
key A|B1
key A|B1
transport
configuration
0
1
0
key A|B[1]
never
never
never
read/write block
10
0
key A|B[1]
key B1
never
never
read/write block
11
0
key A|B[1]
key B1
key B1
key A|B1
value block
0
0
1
key A|B[1]
never
never
key A|B1
value block
01
1
key B[1]
key B1
never
never
read/write block
10
1
key B[1]
never
never
never
read/write block
1
1
1
never
never
never
never
read/write block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com