Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9100LSR3 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF9100LSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9100LSR3 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF9100LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
RF Device Data
Freescale Semiconductor
MRF9100LR3 MRF9100LSR3
TYPICAL CHARACTERISTICS
1000
10
20
800
−25
0
IRL
Gps
Pout = 30 W
f, FREQUENCY (MHz)
Figure 5. Power Gain versus Output Power
VDD = 26 Vdc
IDQ = 800 mA
TC = 25_C
Pout = 30 W
100 W
100 W
18
−5
16
−10
14
−15
12
−20
975
950
925
900
875
850
825
6
0
160
0
0
56
Pin, INPUT POWER (WATTS)
Figure 6. Output Power and Efficiency versus
Input Power
140
49
120
42
100
35
80
28
60
21
40
14
20
7
5
4
3
2
1
Pout
VDD = 26 Vdc
IDQ = 800 mA
TC = 25_C
η
865 MHz
960 MHz
960 MHz
865 MHz
1000
15
19
1
IDQ = 1200 mA
Pout, OUTPUT POWER (WATTS)
Figure 7. Power Gain and Input Return Loss
versus Frequency
VDD = 26 Vdc
f = 920 MHz
TC = 25_C
100
10
18
17
16
IDQ = 600 mA
IDQ = 800 mA
IDQ = 1000 mA
1000
12
19
1
TC = −20_C
Pout, OUTPUT POWER (WATTS)
Figure 8. Power Gain versus Output Power
VDD = 26 Vdc
IDQ = 800 mA
f = 920 MHz
18
17
16
15
14
13
10
100
25
_C
85
_C
Figure 9. EVM and Efficiency versus Output
Power
Figure 10. Spectral Regrowth versus Output
Power
Pout, OUTPUT POWER (WATTS) AVG.
100
4
10
VDD = 28 Vdc
IDQ = 800 mA
f = 945 MHz
8
6
0
10
1
2
EVM
20
50
40
30
0
10
η
Pout, OUTPUT POWER (WATTS) AVG.
100
−75
−60
VDD = 28 Vdc
IDQ = 800 mA
f = 945 MHz
−65
−70
−85
10
0
−80
@ 400 kHz
@ 600 kHz
−50
−55
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com