Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9100LSR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF9100LSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9100LSR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF9100LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9100LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MRF9100LR3 MRF9100LSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for GSM and EDGE base station applications with frequencies
from 921 to 960 MHz, the high gain and broadband performance of these
devices make them ideal for large-signal, common source amplifier applica-
tions in 26 volt base station equipment.
• On-Die Integrated Input Match
• Typical Performance @ Full GSM Band, 921 to 960 MHz, 26 Volts
Output Power, P1dB — 110 Watts
Power Gain @ P1dB — 16.5 dB
Efficiency @ P1dB — 53%
• Capable of Handling 5:1 VSWR, @ 26 Vdc, 921 MHz,
100 Watts CW Output Power
Features
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Available with Low Gold Plating Thickness on Leads. L Suffix Indicates
40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
- 0.5. +65
Vdc
Gate-Source Voltage
VGS
- 0.5. +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
175
1.0
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
1.0
°C/W
Document Number: MRF9100
Rev. 5, 5/2006
Freescale Semiconductor
Technical Data
MRF9100LR3
MRF9100LSR3
900 MHz, 110 W, 26 V
GSM/EDGE
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465-06, STYLE 1
NI-780
MRF9100LR3
CASE 465A-06, STYLE 1
NI-780S
MRF9100LSR3
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF9100LSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9100R3 MOTOROLA-MRF9100R3 Datasheet
395Kb / 12P
GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9100SR3 MOTOROLA-MRF9100SR3 Datasheet
395Kb / 12P
GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
More results

Similar Description - MRF9100LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1 Datasheet
701Kb / 20P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
300Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com