Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53GP Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPX53GP
Description  50 kPa Uncompensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX53GP Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPX53GP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPX53
Sensors
Freescale Semiconductor
3
Pressure
Maximum Ratings
Figure 1 shows a schematic of the internal circuitry on the stand-alone pressure sensor chip.
Figure 1. Uncompensated Pressure Sensor Schematic
Voltage Output versus Applied Differential Pressure
The differential voltage output of the sensor is directly
proportional to the differential pressure (P1) relative to the
vacuum side (P2). Similarly, output voltage increases as
increasing vacuum is applied to the vacuum side (P2) relative
to the pressure side (P1).
Table 2. Maximum Ratings(1)
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Rating
Symbol
Value
Unit
Maximum Pressure (P1 > P2)
PMAX
175
kPa
Burst Pressure (P1 > P2)
PBurst
200
kPa
Storage Temperature
TSTG
–40 to +125
°C
Operating Temperature
TA
–40 to +125
°C
3
GND
Sensor
+VOUT
-VOUT
+VS
2
1
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com