Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53GP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX53GP
Description  50 kPa Uncompensated Silicon Pressure Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX53GP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX53GP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX53GP Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPX53
Rev 7, 05/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
Pressure
50 kPa Uncompensated
Silicon Pressure Sensors
The MPX53 series silicon piezoresistive pressure sensors provide a very
accurate and linear voltage output, directly proportional to the applied
pressure. These standard, low cost, uncompensated sensors permit
manufacturers to design and add their own external temperature
compensating and signal conditioning networks. Compensation techniques
are simplified because of the predictability of Freescale's single element
strain gauge design.
Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Easy to Use Chip Carrier Package Options
• 60 mV Span (Typical)
• Differential and Gauge Options
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX53 Series)
MPX53D
Tape & Reel
344
MPX53D
MPX53DP
Rail
344C
MPX53DP
MPX53GP
Rail
344B
MPX53GP
Small Outline Package (MPXV53G Series)
MPXV53GC7U
Rail
482C
MPXV53G
MPX53
Series
0 to 50 kPa (0 to 7.25 psi)
60 mV Full Scale Span
(Typical)
UNIBODY PACKAGES
SMALL OUTLINE PACKAGE
MPXV53GC7U
CASE 482C-03
MPX53GP
CASE 344B-01
MPX53DP
CASE 344C-01
MPX53D
CASE 344-15
Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics


Similar Part No. - MPX53GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53GP MOTOROLA-MPX53GP Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
MPX53GP MOTOROLA-MPX53GP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX53GP FREESCALE-MPX53GP Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX53GP FREESCALE-MPX53GP Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX53GP NXP-MPX53GP Datasheet
261Kb / 12P
MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
Rev. 7.1, 07/2015
More results

Similar Description - MPX53GP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_08 Datasheet
117Kb / 8P
50 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com