Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHVIC2115R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MHVIC2115R2
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHVIC2115R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MHVIC2115R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
RF Device Data
Freescale Semiconductor
MHVIC2115R2
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
Driver Application
Stage 1, 26 Vdc, IDQ = 96 mA
(Pout = +0.2 W CW)
Stage 2, 26 Vdc, IDQ = 204 mA
Stage 3, 26 Vdc, IDQ = 111 mA
Output Application
Stage 1, 27 Vdc, IDQ = 56 mA
(Pout = +2.5 W CW)
Stage 2, 27 Vdc, IDQ = 61 mA
Stage 3, 27 Vdc, IDQ = 117 mA
RθJC
3.5
2.7
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M1 (Minimum)
Charge Device Model
C2 (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
240
°C
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
W-CDMA Characteristics (In Freescale Test Fixture, 50 ohm system) VDD = 26 Vdc, IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA,
Pout = 23 dBm, 2110-2170 MHz
Power Gain
Gps
31
34
—
dB
Gain Flatness
GF
—
0.3
0.5
dB
Input Return Loss
IRL
—
-12
-10
dB
Group Delay
—
—
1.7
—
ns
Phase Linearity
—
—
0.2
—
°
1-Carrier W-CDMA Conditions: Adjacent Channel Power Ratio
@ Pout = 23 dBm, 5 MHz Offset
ACPR
—
-53
-50
dBc
1-Carrier W-CDMA Conditions: Adjacent Channel Power Ratio
@ Pout = 28 dBm, 5 MHz Offset
ACPR
—
-50
—
dBc
W-CDMA Characteristics (In Freescale Test Fixture, 50 ohm system) VDD = 27 Vdc, IDQ1 = 56 mA, IDQ2 = 61 mA, IDQ3 = 117 mA,
Pout = 34 dBm, 2110-2170 MHz
Power Gain
Gps
—
30
—
dB
Gain Flatness
GF
—
0.2
—
dB
Input Return Loss
IRL
—
-12
—
dB
Power Added Efficiency
PAE
—
16
—
%
1-Carrier W-CDMA Conditions: Adjacent Channel Power Ratio
@ Pout = 34 dBm, 4 MHz Offset
ACPR
—
-45
—
dBc
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com