Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHVIC2115R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MHVIC2115R2
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHVIC2115R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MHVIC2115R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Replaced by MHVIC2115NR2. There are
no form, fit or function changes with this
part replacement. N suffix indicates RoHS
compliant part.
MHVIC2115R2
1
RF Device Data
Freescale Semiconductor
RF LDMOS Wideband Integrated
Power Amplifier
The MHVIC2115R2 wideband integrated circuit is designed for base station
applications. It uses Freescale’s newest High Voltage (26 to 28 Volts) LDMOS
IC technology and integrates a multi-stage structure. Its wideband On-Chip
matching design makes it usable from 1600 to 2600 MHz. The linearity
performances cover W-CDMA modulation formats.
Final Application
• Typical W-CDMA Performance: -45 dBc ACPR, 2110-2170 MHz, VDD =
27 Volts, IDQ1 = 56 mA, IDQ2 = 61 mA, IDQ3 = 117 mA, Pout = 34 dBm,
3GPP Test Model 1, Measured in a 1.0 MHz BW @ 4 MHz offset, 64 DTCH
Power Gain — 30 dB
PAE = 16%
Driver Application
• Typical W-CDMA Performance: -53 dBc ACPR, 2110-2170 MHz, VDD =
26 Volts, IDQ1 = 96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA, Pout = 23 dBm,
3GPP Test Model 1, Measured in a 3.84 MHz BW @ 5 MHz offset, 64 DTCH
Power Gain — 34 dB
• Gain Flatness = 0.3 dB from 2110-2170 MHz
• P1dB = 15 Watts, Gain Flatness = 0.2 dB from 2110-2170 MHz
• Capable of Handling 3:1 VSWR, @ 26 Vdc, 2140 MHz, 15 Watts CW
Output Power
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• On-Chip Matching (50 Ohm Input, DC Blocked, >5 Ohm Output)
• Integrated Temperature Compensation with Enable/Disable Function
• Integrated ESD Protection
• In Tape and Reel. R2 Suffix = 1,500 Units per 16 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature
TJ
150
°C
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
(Top View)
9
N.C.
VGS3
VGS2
VGS1
RFin
VDS1
VDS2
N.C.
VDS3/RFout
VDS3/RFout
VDS3/RFout
VDS3/RFout
VDS3/RFout
VDS3/RFout
N.C.
RFin
Quiescent Current
Temperature Compensation
3 Stages IC
VDS1
RFin IC
VGS3
VDS3/RFout
VGS2
VGS1
VDS2
Note: Exposed backside flag is source
terminal for transistors.
Figure 1. Block Diagram
Figure 2. Pin Connections
Document Number: MHVIC2115R2
Rev. 4, 8/2006
Freescale Semiconductor
Technical Data
MHVIC2115R2
CASE 978-03
PFP -16
2170 MHz, 26 V, 23/34 dBm
W-CDMA
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIER
16
1
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MHVIC2115R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
More results

Similar Description - MHVIC2115R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com