Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM5062 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMM5062
Description  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMM5062 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MIC22950
10A Integrated Switch Synchronous
Buck Regulator with Frequency
Programmable to 2MHz
Ramp Control is a trademark of Micrel, Inc
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2010
M9999-021910-B
General Description
The Micrel MIC22950 is a high-efficiency 10A integrated
switch, synchronous buck (step-down) regulator. The
MIC22950 switching frequency is programmable from
400kHz to 2MHz, allowing the customer to optimize
designing either for efficiency or for the smallest footprint.
The MIC22950 achieves over 95% efficiency while still
switching at 2MHz over a broad load range.
The ultra-high-speed control loop keeps the output voltage
within regulation, even under extreme transient load
swings commonly found in FPGAs and low voltage ASICs.
The output voltage can be adjusted down to 0.7V in order
to address all low-voltage power needs.
The MIC22950 features a full range of sequencing and
tracking options. The EN/DLY and the DELAY pins,
combined with the POR/PG pin, allow multiple outputs to
be sequenced in several ways during turn-on and turn-off
by using EN pin. The RC (Ramp Control™) pin allows the
device to be connected to any another device in the
MIC22x00 family of products, to keep the output voltages
within a certain delta V during start-up.
The MIC22950 is available in a 32-pin 5mm x 5mm MLF
®
with a junction operating range from
−40°C to +125°C.
Datasheet and supporting documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.6V to 5.5V supply voltage
• Fully-integrated MOSFET switches
• Adjustable output voltage option down to 0.7V
• Output load current up to 10A
• Full sequencing and tracking capability
• Power-On Reset
• Efficiency >95% across a broad load range
• Operating frequency programmable: 400kHz to 2MHz
• Ultra-fast transient response
• 100% maximum duty cycle
• Micropower shutdown
• Thermal-shutdown and current-limit protection
• Available in a 32-pin 5mm x 5mm MLF® package
• −40°C to +125°C junction temperature range
Applications
• High-power density point-of-load conversion
• Base stations, Servers and Routers
• Blu-ray players, DVD Recorders
• Computer Peripherals
• FPGAs, DSP, and low-voltage ASIC power
_________________________________________________________________________________________________________________________
Typical Application
MIC22950 10A Synchronous DC-DC Converter
Efficiency vs. Load Current
60
65
70
75
80
85
90
95
100
02
46
8
10
LOAD CURRENT (A)
VIN = 5V
VOUT = 3.3V
TA = 25°C
Sequencing and Tracking


Similar Part No. - MMM5062

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMM5063 FREESCALE-MMM5063 Datasheet
578Kb / 20P
Tri-Band GSM GPRS 3.5 V Power Amplifier
More results

Similar Description - MMM5062

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Freescale Semiconductor...
MMM5063 FREESCALE-MMM5063 Datasheet
578Kb / 20P
Tri-Band GSM GPRS 3.5 V Power Amplifier
logo
Skyworks Solutions Inc.
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77354 SKYWORKS-SKY77354 Datasheet
441Kb / 2P
SKY77354 POWER AMPLIFIER MODULE FOR QUAD-BAND GSM / GPRS / EDGE
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com