Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMM5062 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMM5062
Description  Quad-Band GSM GPRS 3.5 V Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMM5062 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMM5062 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMM5062 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Micrel, Inc.
MIC22950
February 2010
2
M9999-021910-B
Ordering Information
Part Number
Nominal Output Voltage
Temperature Range
Package
Lead Finish
MIC22950YML
Adjustable
−40° to +125°C
32-Pin 5mm x 5mm MLF
®
Lead Free
Note:
MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
32-Pin 5mm x 5mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1,2,7,8,17,23,24
PVIN
Power Supply Voltage (Input): Requires bypass capacitor to PGND.
3
EN/DLY
Enable/ delay (Input): This pin has a 1.24V band gap reference. When the pin is pulled higher
that this the part will start up. Below this voltage the device is in its low quiescent current mode.
The pin has a 1µA current source pull-up to VIN. By adding a capacitor to this pin, a delay may
be generated. The enable function will not operate with an input voltage lower than UVLO.
4
DELAY
Delay (Input): A capacitor sets the internal delay timer. Timer delays power-on reset (POR) at
power-up and power-down.
5
RC
Ramp Control (Input): Capacitor-to-ground from this pin determines slew rate of output voltage
during start-up. This can be used for tracking capability as well as soft start. RC pin cannot be
left floating. Use a minimum capacitor value of 120pF or larger.
6
POR/PG
Power-On-Reset (Output): Open-drain output device indicates when the output is out of
regulation and is active after the delay set by the DELAY pin.
9,10,15,16,25,26,
31,32
PGND
Power Ground (Power): Power Ground.
11,12,13,14,27,
28,29,30
SW
Switch (Output): Internal power MOSFET output switches.
18
SGND
Signal Ground (Signal): Signal Ground.
19
CF
Frequency Set (Input): Adjustable Frequency with external capacitor.
20
FB
Feedback (Input): Input to the error amplifier, connect to the external resistor divider network to
set the output voltage.
21
COMP
Compensation pin (Input): Place a RC-to-SGND to compensate the device, see applications
section.
22
SVIN
Signal Power Supply Voltage (Input): Requires bypass capacitor-to-SGND.
EP
GND
Center Tab (Power): Must make a full connection to a GND plane for full output power to be
realized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com