Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8102UG Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MSC8102UG
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102UG Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MSC8102UG Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
MSC8102, Rev. 12
Freescale Semiconductor
vii
UART
• Two signals for transmit data and receive data.
• No clock, asynchronous mode.
• Can be serviced either by the SC140 DSP cores or an external host on the 60x-compatible system bus or
on the DSI.
• Full-duplex operation.
• Standard mark/space non-return-to-zero (NRZ) format.
• 13-bit baud rate selection.
• Programmable 8-bit or 9-bit data format.
• Separately enabled transmitter and receiver.
• Programmable transmitter output polarity.
• Two receiver walk-up methods:
• Idle line walk-up.
• Address mark walk-up.
• Separate receiver and transmitter interrupt requests.
• Eight flags, the first five can generate interrupt request:
• Transmitter empty.
• Transmission complete.
• Receiver full.
• Idle receiver input.
• Receiver overrun.
• Noise error.
• Framing error.
• Parity error.
• Receiver framing error detection.
• Hardware parity checking.
• 1/16 bit-time noise detection.
• Maximum bit rate 6.25 Mbps.
• Single-wire and loop operations.
General-Purpose
I/O (GPIO) port
• 32 bidirectional signal lines that either serve the peripherals or act as programmable I/O ports.
• Each port can be programmed separately to serve up to two dedicated peripherals, and each port
supports open-drain output mode.
Table 6. Miscellaneous Modules
Feature
Description
Timers
Two modules of 16 timers each. Each timer has the following features:
• Cyclic or one-shot.
• Input clock polarity control.
• Interrupt request when counting reaches a programmed threshold.
• Pulse or level interrupts.
• Dynamically updated programmed threshold.
• Read counter any time.
Watchdog mode for the timers that connect to the device.
Hardware
Semaphores
Eight coded hardware semaphores, locked by simple write access without need for read-modify-write
mechanism.
Global Interrupt
Controller (GIC)
• Consolidation of chip maskable interrupt and non-maskable interrupt sources and routing to INT_OUT,
NMI_OUT, and to the cores.
• Generation of 32 virtual interrupts (eight to each SC140 core) by a simple write access.
• Generation of virtual NMI (one to each SC140 core) by a simple write access.
Table 5. Serial Interfaces
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com