Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8102UG Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MSC8102UG
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102UG Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MSC8102UG Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 12Page - Freescale Semiconductor, Inc MSC8102UG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
MSC8102, Rev. 12
Freescale Semiconductor
ix
Product Documentation
The documents listed in Table 10 are required for a complete description of the MSC8102 and are necessary to
design properly with the part. Obtain documentation from a local Freescale distributor, Freescale Semiconductor
sales office, or a Freescale Literature Distribution Center. For documentation updates, visit the Freescale DSP
website shown on the last page of this document.
Table 9. Application Development System (ADS) Board
Feature
Description
MSC8102ADS
• Host debug through single JTAG connector supports both processors.
• MSC8101 as the host with both devices on the board. The MSC8101 system bus connects to the DSI.
• Flash memory for stand-alone applications.
• Support for the following communications ports:
• 10/100Base-T.
• 155 Mbit ATM over Optical.
• T1/E1 TDM interface.
• H.110.
• Voice codec.
• RS-232.
• High-density (MICTOR) logic analyzer connectors to monitor signals
• 6U CompactPCI form factor.
• Emulates DSP farm by connecting to three other ADS boards.
Table 10. MSC8102 Documentation
Name
Description
Order Number
MSC8102 Technical
Data
MSC8102 features list and physical, electrical, timing, and package specifications
MSC8102
MSC8102 User’s Guide
User information include system functionality, getting started tutorial, and programming
topics
MSC8102UG
MSC8102 Reference
Manual
Detailed functional description of the MSC8102 memory and peripheral configuration,
operation, and register programming
MSC8102RM
StarCore™ SC140 DSP
Core Reference Manual
Detailed description of the SC140 family processor core and instruction set
MNSC140CORE
Application Notes
Documents describing specific applications or optimized device operation including
code examples
See the MSC8102
product website



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com