Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP207 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FP207
Description  Push-Pull Circuit Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP207 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FP207 Datasheet HTML 1Page - Sanyo Semicon Device FP207 Datasheet HTML 2Page - Sanyo Semicon Device FP207 Datasheet HTML 3Page - Sanyo Semicon Device FP207 Datasheet HTML 4Page - Sanyo Semicon Device FP207 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FP207
No.6457–2/5
Electrical Connection (Top view)
Switching Time Test Circuit
Continued from preceding page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV E
C
)
t
a
s
(IC
I
,
A
m
0
0
8
)
–
(
=
B
A
m
0
4
)
–
(
=
)
3
.
0
–
()
8
.
0
–
(V
m
5
2
.
07
.
0V
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV E
B
)
t
a
s
(IC
I
,
A
m
0
0
8
)
–
(
=
B
A
m
0
4
)
–
(
=9
.
0
)
–
(3
.
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
)
–
(
=
E 0
=0
5
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
–
(
=
E
B =∞
0
4
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
)
–
(
=
C 0
=5
)
–
(V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
5
()
0
0
1
(s
n
0
50
0
1s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
2
1
()
0
2
2
(s
n
0
5
10
7
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
3
)
0
3
(0
8
)
0
8
(s
n
C1
C2
B1
EC
B2
C1
C2
VR
RL
VCC=25V
VBE=--5V
(For PNP, the polarity is reversed.)
10IB1= --10IB2= IC=400mA
+
+
50
Ω
INPUT
OUTPUT
RB
100
µF
470
µF
PW=20
µs
IB1
IB2
D.C.
≤1%
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--1
--2
--3
--4
--5
IC -- VCE
--1mA
--2mA
--3mA
--4mA
--5mA
--6mA
--7mA
--8mA
IC -- VCE
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VBE
VCE= --2V
IC -- VBE
IT01846
IT01847
IT01848
IT01849
IB=0
1.0
0.8
0.6
0.4
0.2
0
012345
IB=0
0.5mA
1.0mA
1.5mA
2.0mA
2.5mA
3.0mA
3.5mA
4.0mA
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.2
1.0
VCE=2V
[PNP]
[NPN]
[PNP]
[NPN]
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Base-to-Emitter Voltage, VBE –V
Base-to-Emitter Voltage, VBE –V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com