Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP207 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FP207
Description  Push-Pull Circuit Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP207 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FP207 Datasheet HTML 1Page - Sanyo Semicon Device FP207 Datasheet HTML 2Page - Sanyo Semicon Device FP207 Datasheet HTML 3Page - Sanyo Semicon Device FP207 Datasheet HTML 4Page - Sanyo Semicon Device FP207 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FP207
No.6457–4/5
57
1.0
57
23
5
7
23
10
2
3
7
5
1.0
0.1
7
5
3
2
7
5
3
2
A S O
0
20
40
60
80
100
120
140
160
0
0.6
1.0
0.8
1.2
1.1
0.2
0.4
PC -- Ta
0.2
0.4
0.6
0.8
1.0
0.2
0
0
0.6
0.4
1.0
0.8
IT01862
IT01864
IT01863
100
7
5
3
2
5
3
2
10
--0.1
23
5
7
--1.0
2
SW Time -- IC
VCC= --25V
IC=20IB1= --20IB2
IT01860
Ta= --25°C
25
°C
75°C
IC / IB=20
5
3
2
7
5
3
100
--0.01
23
5
7
23
5
7
2
3
VBE(sat) -- IC
--0.1
--1.0
IT01858
PC(TR2) -- PC(TR1)
Ta= --25°C
25°C
75°C
IC / IB=20
5
3
2
7
5
3
1.0
5
7
2
3
57
2
3
57
2
3
VBE(sat) -- IC
0.01
0.1
1.0
IT01859
tstg
ton
tf
100
7
5
3
2
5
3
2
10
0.1
23
5
7
1.0
2
SW Time -- IC
VCC=25V
IC=20IB1= --20IB2
IT01861
tstg
ton
tf
ICP=3A
IC=1.5A
DC
operation
100ms
10ms
1unit
Total
dissipation
[PNP]
[NPN]
[PNP]
[NPN]
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Emitter Voltage, VCE –V
Mounted on a ceramic board(250mm2
×0.8mm)
Ta=25
°C
Single pulse
For PNP, the minus sign is omitted.
1unit
Ambient Temperature, Ta –
°C
Collector Dissipation, PC (TR1) – W
Mounted on a ceramic board(250mm2
×0.8mm)
Mounted on a ceramic board(250mm2
×0.8mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com