Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT7-252 Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VT7-252
Description  Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VT7-252 Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VT7-252 Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VT7-252
Miniature SMD VC-TCXO
Clipped sine wave
2002/95/EC RoHS compliant
02 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: mobile communications, GPS
Ultra small package size: 2.5 x 2.0 x 0.9 mm
Output signal clipped sine wave
Low phase noise
Parameter
Specification
Frequency range
16.0 ~ 40.0 MHz
Standard frequencies
16.367667, 19.20, 20.00 & 26.00 MHz
Frequency stability:
vs. temperature
≤ ±1.0 ~ 2.5 ppm
vs. supply change
≤ ±0.2 ppm
±5 %
vs. load change
≤ ±0.2 ppm
±5 %
vs. aging
≤ ±1.0 ppm
1
st year
Frequency slope of perturbations
≤ ±0.2 ppm/°C
frequency measurement every 2 °C
Static temperature hysteresis
≤ ±0.6 ppm
Frequency tolerance ex. factory
≤ ±2.0 ppm
@ +25 °C
Supply voltage
+2.8 V
±5 %
Supply current
< 1.5 mA
Output signal
0.8 Vp-p
clipped sine wave
Output load
10 k
Ω // 10 pF
Frequency pulling range
>
±5 ppm
Voltage control
+1.5 V
±1.0 V
Phase noise @ 19.2 MHz carrier frequency
-142 dBc/Hz
@
10 kHz
Operating temperature range
-20 ~ +70 °C
commercial application
-30 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
1’000 or 2’500 pieces
Customer specifications on request
Pin function
# 1
Vc Voltage control
# 2
GND
# 3
Output
# 4
Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - VT7-252

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-302C QUARTZCOM-VT7-302C Datasheet
101Kb / 1P
SMD VC-TCXO CMOS Applications: mobile communications, GPS
VT7-503 QUARTZCOM-VT7-503 Datasheet
104Kb / 1P
SMD VC-TCXO Clipped sine wave Highly shock and vibration resistant
VT7-503-SQ-HP QUARTZCOM-VT7-503-SQ-HP Datasheet
189Kb / 2P
High precision analogue temperature compensated small packaged SMD VC-TCXO
VT7-503C QUARTZCOM-VT7-503C Datasheet
102Kb / 1P
SMD VC-TCXO CMOS Highly shock and vibration resistant
More results

Similar Description - VT7-252

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
Clipped Sine Wave
logo
QUARTZCOM the communica...
TX7-252 QUARTZCOM-TX7-252 Datasheet
304Kb / 1P
Miniature SMD TCXO Clipped sine wave Output signal clipped sine wave
TX7-302 QUARTZCOM-TX7-302 Datasheet
231Kb / 1P
SMD TCXO Clipped sine wave Output signal clipped sine wave
TX7-705C-C QUARTZCOM-TX7-705C-C Datasheet
111Kb / 1P
SMD TCXO CMOS Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-705C-C QUARTZCOM-VT7-705C-C Datasheet
98Kb / 1P
SMD VC-TCXO CMOS Output signal clipped sine wave
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
Clipped Sine Wave TCXO/VCTCXO
07/10/2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com