Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT2-802VM Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VT2-802VM
Description  Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VT2-802VM Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VT2-802VM Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VT2-802V
Wide pulling SMD VC-TCXO
Clipped sine wave
2002/95/EC RoHS compliant
02 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: mobile communications, instrumentation,
microwave
Frequency range up to 50 MHz
Wide pulling range in the range:
±20 ~ ±40 ppm
Low phase noise
Specification
Parameter
VT2-802VL
VT2-802VM
VT2-802VS
Frequency range
9.6 ~ 50 MHz
Standard frequencies
10.00, 13.00, 16.384, 19.20, 19.44, 20.00, 20.48 & 27.00 MHz
Frequency stability:
vs. temperature
≤ ±1.0 ~ ±2.5 ppm
vs. supply & load change
≤ ±0.2 ppm
± 5 %
vs. aging
≤ ±1.0 ppm
1
st year
Frequency tolerance ex. factory
≤ ±2.0 ppm
@ +25 °C
Supply voltage
+3.0 V
±5 %
+3.3 V
±5 %
+5.0 V
±5 %
Supply current
1.5 ~ 4 mA
Output signal
> 0.8 Vp-p
clipped sine wave
Output load
10 k
Ω // 10 pF
Frequency pulling range
±20 ~ ±40 ppm
Voltage control
+1.65 V
±1.35 V
+2.5 V
±2.0 V
Phase noise @ 13.0 MHz carrier frequency
-140 dBc/Hz
@ 1 kHz
Operating temperature range
-30 ~ +75 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
500 or 1’000 pieces
Customer specifications on request
Pin function
# 1
GND
# 2
GND
# 3
Output
# 4
GND
# 5
Vc Voltage control
# 6
Vcc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - VT2-802VM

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT2-802F QUARTZCOM-VT2-802F Datasheet
122Kb / 1P
SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT2-802FL QUARTZCOM-VT2-802FL Datasheet
122Kb / 1P
SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT2-802FM QUARTZCOM-VT2-802FM Datasheet
122Kb / 1P
SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT2-802FS QUARTZCOM-VT2-802FS Datasheet
122Kb / 1P
SMD VC-TCXO Clipped sine wave Tight frequency stability vs. temperature
VT2-802HV QUARTZCOM-VT2-802HV Datasheet
120Kb / 1P
SMD VC-TCXO HCMOS Output frequency up to 50 MHz
More results

Similar Description - VT2-802VM

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SH-S-4P QUARTZCOM-TXO-SH-S-4P Datasheet
208Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 200 MHz
TXO-SW-S-8P QUARTZCOM-TXO-SW-S-8P Datasheet
227Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 500 MHz
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT3-801V QUARTZCOM-VT3-801V Datasheet
120Kb / 1P
Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
VTO-SK-S-4P QUARTZCOM-VTO-SK-S-4P Datasheet
163Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 400 MHz
VTO-SH-S-4P QUARTZCOM-VTO-SH-S-4P Datasheet
165Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 200 MHz
VTO-SW-S-8P QUARTZCOM-VTO-SW-S-8P Datasheet
150Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 500 MHz
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com