Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2302SPbF Datasheet(PDF) 8 Page - International Rectifier

Part # IR2302SPbF
Description  HALF-BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2302SPbF Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2302SPbF Datasheet HTML 4Page - International Rectifier IR2302SPbF Datasheet HTML 5Page - International Rectifier IR2302SPbF Datasheet HTML 6Page - International Rectifier IR2302SPbF Datasheet HTML 7Page - International Rectifier IR2302SPbF Datasheet HTML 8Page - International Rectifier IR2302SPbF Datasheet HTML 9Page - International Rectifier IR2302SPbF Datasheet HTML 10Page - International Rectifier IR2302SPbF Datasheet HTML 11Page - International Rectifier IR2302SPbF Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IR2302(S) & (PbF)
8
www.irf.com
300
500
700
900
1100
1300
36
9
12
15
Input Voltage (V)
Figure 6C. Turn-on Propagation Delay
vs. Input Voltage
Typ.
M ax.
Min.
0
100
200
300
400
500
-50-25
0
25
50
75100
125
Temperature (oC)
Typ.
M ax.
Figure 7A. Turn-off Propagation Delay
vs. Tem perature
100
150
200
250
300
350
400
36
9
12
15
Input Voltage (V)
Figure 7C. Turn-off Propagation Delay
vs. Input Voltage
Typ.
M ax.
100
200
300
400
500
600
700
510
15
20
Supply Voltage (V)
Figure 7B. Turn-off Propagation Delay
vs. Supply Voltage
Typ.
M ax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com