Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2302SPbF Datasheet(PDF) 14 Page - International Rectifier

Part # IR2302SPbF
Description  HALF-BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2302SPbF Datasheet(HTML) 14 Page - International Rectifier

Back Button IR2302SPbF Datasheet HTML 10Page - International Rectifier IR2302SPbF Datasheet HTML 11Page - International Rectifier IR2302SPbF Datasheet HTML 12Page - International Rectifier IR2302SPbF Datasheet HTML 13Page - International Rectifier IR2302SPbF Datasheet HTML 14Page - International Rectifier IR2302SPbF Datasheet HTML 15Page - International Rectifier IR2302SPbF Datasheet HTML 16Page - International Rectifier IR2302SPbF Datasheet HTML 17Page - International Rectifier IR2302SPbF Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
IR2302(S) & (PbF)
14
www.irf.com
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
Temperature (oC)
M ax.
Figure 17A. Low Level Output Voltage
vs. Tem perature
Typ.
0.0
0.5
1.0
1.5
2.0
510
15
20
Supply Voltage (V)
Figure 17B. Low Level Output Voltage
vs. Supply Voltage
Typ.
M ax.
0
100
200
300
400
500
-50-25
0
25
50
75100
125
Temperature (oC)
M ax.
Figure 18A. Offset Supply Leakage Current
vs. Tem perature
0
100
200
300
400
500
100
200
300
400
500
600
Offset Supply Voltage (V)
Figure 18B. Offset Supply Leakage Current
vs. Offset Supply Voltage
M ax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com