Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTO-SW-S-8P Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VTO-SW-S-8P
Description  SMD VC-TCXO Sine wave Wide frequency range up to 500 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VTO-SW-S-8P Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VTO-SW-S-8P Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VTO-SW-S-8p
SMD VC-TCXO
Sine wave
2002/95/EC RoHS compliant
02 May. 100
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecom infrastructure, broadband access
Output signal sine wave
Wide frequency range up to 500 MHz
Low phase noise
Parameter
Specification
Frequency range
10 ~ 500 MHz
Frequency stability:
vs. temperature
≤ ±1.0 ~ ±5.0 ppm
vs. supply & load change
≤ ±0.5 ppm
±5 %
vs. aging
≤ ±2.0 ppm
1
st year
Frequency tolerance ex. factory
≤ ±1.0 ppm
@ +25 °C
Supply voltage
+5.0 V
±5 %
(+3.3 V on request)
Supply current
10 ~ 50 mA
Output signal
sine wave
Output level
0 ~ +7 dBm
Output load
50 Ω
Harmonics
< -20 dBc
Sub harmonics
< -30 dBc
Frequency pulling range
±5 ~ ±20 ppm
Voltage control
+2.5 V
±2.0 V
Input impedance
47 kΩ
Phase noise @ 50.4 MHz carrier frequency
-115 dBc/Hz
@
100 Hz
-140 dBc/Hz
@
1 kHz
-150 dBc/Hz
@
10 kHz
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging unit
tray
50 pieces
Customer specifications on request
Pin function
# 1
GND
# 2
GND
# 3
GND
# 4
Vc Voltage control
# 5
GND
# 6
GND
# 7
Output
# 8
Vdc
Example for solder pattern
Do not design any conductive path between the pattern
Example for IR reflow soldering temperature


Similar Part No. - VTO-SW-S-8P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VTO-SH-3H-4P QUARTZCOM-VTO-SH-3H-4P Datasheet
119Kb / 1P
SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
VTO-SH-3S-4P QUARTZCOM-VTO-SH-3S-4P Datasheet
165Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 200 MHz
VTO-SH-5H-4P QUARTZCOM-VTO-SH-5H-4P Datasheet
119Kb / 1P
SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
VTO-SH-5S-4P QUARTZCOM-VTO-SH-5S-4P Datasheet
165Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 200 MHz
VTO-SH-H-4P QUARTZCOM-VTO-SH-H-4P Datasheet
119Kb / 1P
SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
More results

Similar Description - VTO-SW-S-8P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SH-S-4P QUARTZCOM-TXO-SH-S-4P Datasheet
208Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 200 MHz
TXO-SW-S-8P QUARTZCOM-TXO-SW-S-8P Datasheet
227Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 500 MHz
VT2-802V QUARTZCOM-VT2-802V Datasheet
122Kb / 1P
Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
VT3-801V QUARTZCOM-VT3-801V Datasheet
120Kb / 1P
Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
VTO-P9-H-6P QUARTZCOM-VTO-P9-H-6P Datasheet
120Kb / 1P
SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
VTO-SK-H-4P QUARTZCOM-VTO-SK-H-4P Datasheet
115Kb / 1P
SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
VTO-SK-S-4P QUARTZCOM-VTO-SK-S-4P Datasheet
163Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 400 MHz
VTO-SH-S-4P QUARTZCOM-VTO-SH-S-4P Datasheet
165Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 200 MHz
VTE-205S QUARTZCOM-VTE-205S Datasheet
136Kb / 1P
Through hole VC-TCXO Sine wave Frequency range up to 200 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com