Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS133 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS133
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS133 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS133 Datasheet HTML 1Page - Sanyo Semicon Device FSS133 Datasheet HTML 2Page - Sanyo Semicon Device FSS133 Datasheet HTML 3Page - Sanyo Semicon Device FSS133 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSS133
No.6919-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=--10V, f=1MHz
2900
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
570
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
370
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
27
ns
Rise Time
tr
See specified Test Circuit
250
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
130
ns
Fall Time
tf
See specified Test Circuit
180
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--8A
65
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--8A
4
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--8A
8
nC
Diode Forward Voltage
VSD
IS=--8A, VGS=0
--0.8
--1.5
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--4V
VIN
P.G
50
Ω
G
S
FSS133
ID= --8A
RL=1.25Ω
VDD= --10V
VOUT
VIN
D
60
40
50
30
20
10
0
RDS(on) -- Ta
ID=
--2A,
VGS
= --2.5V
ID= -
-8A, VGS
= --4.0V
50
40
30
20
10
0
0--4
--2
--6
--8
--10
RDS(on) -- VGS
ID= --2A
--16
--12
--14
--10
--8
--4
--6
--2
0
0
--0.4
--0.2
--0.6
--1.0
--0.8
--1.2
--1.4
--1.6
--1.8 --2.0
--60
--20
--40
0
40
20
60
100
80
120
140
160
ID -- VGS
VDS= --10V
--10
--6
--7
--8
--9
--5
--4
--3
--2
--1
0
0
--0.2
--0.1
--0.4
--0.5
--0.3
--0.6
ID -- VDS
--1.5V
VGS= --1.0V
IT03066
IT03068
IT03067
IT03069
Ta=25
°C
--8A
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com