Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS133 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS133
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS133 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS133 Datasheet HTML 1Page - Sanyo Semicon Device FSS133 Datasheet HTML 2Page - Sanyo Semicon Device FSS133 Datasheet HTML 3Page - Sanyo Semicon Device FSS133 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS133
No.6919-3/4
2.5
2.0
1.8
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
PD -- Ta
2
3
5
7
23
5
7
23
5
7
td
tstg
tr
tf
1000
2
3
5
7
100
10
--0.1
--1.0
--10
SW Time -- ID
VDD= --10V
VGS= --4V
IT03074
IT03076
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
100ms
100
µs
<10
µs
10ms
1ms
--100
--10
--1.0
--0.1
--0.01
--0.01
--0.1
--1.0
23
5 7
23
5 7
23
5 7
23
5 7
--10
--100
A S O
ID= --8A
Operation in this
area is limited by RDS(on).
DC
operation
IT03075
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm
2!0.8mm)
10000
1000
7
5
3
2
7
5
3
2
100
0
--2
--4
--6
--8
--10
--12
--14
--16
--18
--20
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT03072
VGS=0
--100
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
--10
--1.0
--0.1
--0.01
--0.001
0
--0.2
--0.4
--0.6
--1.2
--1.0
--0.8
IF -- VSD
IT03071
--10
--9
--8
--7
--6
--5
--4
--3
--2
--1
0
20
25
30
35
40
510
15
65
45
50
55
60
VGS -- Qg
VDS= --10V
ID= --8A
0
IT03073
100
10
1.0
--0.1
--1.0
2
3
5
7
2
3
5
7
--10
23
5
7
23
5
7
2
yfs -- ID
VDS= --10V
75°
C
Ta=
--25
°C
IT03070
IDP= --52A
25
°C
Total Gate Charge, Qg -- nC
Amibient Tamperature, Ta --
°C
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Mounted
on
a ceramic
board(1200mm
2
!
0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com