Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6716MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6716MPBF
Description  DirectFETPower MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6716MPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6716MPBF_09 Datasheet HTML 1Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 2Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 3Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 4Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 5Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 6Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 7Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 8Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6716MPbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient 
 Surface mounted on 1 in. square Cu board, steady state.
‚ Used double sided cooling , mounting pad.
ƒ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
„ TC measured with thermocouple incontact with top (Drain) of part.
… Rθ is measured at TJ of approximately 90°C.
 Surface mounted on 1 in. square Cu (still
air).
‚ Mounted to a PCB with
small clip heatsink (still air)
ƒ Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
™
W
PD @TA = 70°C
Power Dissipation
™
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
™g
–––
35
RθJA
Junction-to-Ambient
dg
12.5
–––
RθJA
Junction-to-Ambient
eg
20
–––
°C/W
RθJC
Junction-to-Case
fg
–––
1.6
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
™Ã
W/°C
2.3
0.031
270
-40 to + 150
Max.
78
3.6
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
2.003
0.000686
17.536
0.78614
15.465
28
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τ
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com