Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6716MPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6716MPBF
Description  DirectFETPower MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6716MPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6716MPBF_09 Datasheet HTML 1Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 2Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 3Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 4Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 5Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 6Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 7Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 8Page - International Rectifier IRF6716MPBF_09 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRF6716MPbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig 11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy vs. Drain Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
0
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
ID = 100µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
0.01
0.10
1.00
10.00
100.00
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TA = 25°C
TJ = 150°C
Single Pulse
100µsec
1msec
10msec
DC
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
ID
TOP
16A
19A
BOTTOM 32A
25
50
75
100
125
150
TC , Case Temperature (°C)
0
25
50
75
100
125
150
175
200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com