Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPI9400PF Datasheet(PDF) 2 Page - Intel Corporation

Part # EXPI9400PF
Description  Trusted 1000BASE-SX PCI Express Gigabit Fiber Connection for Servers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EXPI9400PF Datasheet(HTML) 2 Page - Intel Corporation

  EXPI9400PF Datasheet HTML 1Page - Intel Corporation EXPI9400PF Datasheet HTML 2Page - Intel Corporation EXPI9400PF Datasheet HTML 3Page - Intel Corporation EXPI9400PF Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
Benefits
Intel® 82572GI Gigabit Controller
• Enhances high performance and reliability
Load balancing on multiple CPUs
• Increases performance on multi-processor systems by efficiently balancing network loads across
CPU cores when used with Receive-Side Scaling from Microsoft or Scalable I/O on Linux*
Interrupt moderation
• Delivers increased performance while significantly reducing CPU utilization
Compatible with x4, x8, and x161 PCI Express* slots
• Allows operation in almost any PCI Express server slot, except x1 slots
Support for most network operating systems (NOS)
• Enables widespread deployment
Remote management support
• Reduces support costs with remote management based on industry-wide standards
LC connectors
• Small connector design is compatible with the latest fiber-optic cabling standards
1000BASE-SX multi-mode fiber
• Ensures compatibility with fiber-optic cable lengths up to 275 meters
RoHS compliant2
• Compliant with the new European Union directive 2009/95/EC to reduce the use of
hazardous materials
Intel® PROSet Utility for Microsoft* Device Manager
• Provides point-and-click power over individual adapters, advanced adapter features, connection
teaming, and virtual local area network (VLAN) configuration
Intel backing
• Backed by an Intel® limited lifetime warranty, 90-day, money-back guarantee (U.S. and Canada),
and worldwide support
Network-Ready PCs
Top PC and server manufacturers offer Intel® adapters in their
new products. Specify or ask for Intel PRO Network Connections
with your next PC, server, or mobile PC purchase. To speak to a
customer service representative regarding Intel products, please
call 1-800-538-3373 (U.S. and Canada) or visit support.intel.com/
support/go/network/contact.htm for the telephone number in
your area. For additional product information on Intel Networking
Connectivity products, visit www.intel.com/go/ethernet.
Customer Support
Intel® Customer Support Services offers a broad selection of
programs including phone support and warranty service. For
more information, contact us at intel.com/support/network/
adapter. Service and availability may vary by country.
For Product Information
To speak to a customer service representative regarding Intel
products, please call 1-800-538-3373 (U.S. and Canada) or visit
www.intel.com/support/9089.htm for the telephone number in
your area. For additional product information on Intel® Networking
Connectivity products, visit www.intel.com/go/ethernet.
Order Code
Single Unit: EXPI9400PF3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com