Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPI9400PF Datasheet(PDF) 3 Page - Intel Corporation

Part # EXPI9400PF
Description  Trusted 1000BASE-SX PCI Express Gigabit Fiber Connection for Servers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EXPI9400PF Datasheet(HTML) 3 Page - Intel Corporation

  EXPI9400PF Datasheet HTML 1Page - Intel Corporation EXPI9400PF Datasheet HTML 2Page - Intel Corporation EXPI9400PF Datasheet HTML 3Page - Intel Corporation EXPI9400PF Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General
Product code
EXPI9400PF3
Connectors
LC
IEEE standards/network topology
1000BASE-SX
Wiring multi-mode fiber
(62.5 µm or 50 µm)
Adapter Product Features
Intel® PROSet Utility and Intel® PRO
Intelligent Install for easy installation
•
Intel® lead-free1 technology
•
Plug and play specification support
Standard
Auto-negotiation, full-duplex capable
•
Integrated media access control (MAC)
and physical layer (PHY)
•
Includes a full-height bracket
•
Cabling Distance
275 m at 62.5 µm; 550 m at 50 µm
Network Management
Wired for Management (WfM) baseline
v2.0 enabled for servers
•
DMI 2.0 support, Windows Management
Instrumentation (WMI) and SNMP-
manageable SMBus support
•
Remote Installation Services (RIS)
•
Diagnostics (loopback, testability,
PHY register access)
•
Advanced configuration and power
interface (ACPI) 1.0 power management
•
Wake on LAN* support over PCI Express*
•
PXE 2.0 enabled through boot
read-only memory (ROM)
•
Network Operating Systems (NOS) Software Support
Microsoft Windows Server* 2003,
Enterprise, Datacenter (32- and 64-bit)
•
Microsoft Windows 2000
•
Red Hat Linux* 2.4x or later (32- and 64-bit)
•
FreeBSD 4.x or later
•
Novell Netware* 5.x, 6.x
•
Sun Solaris* x86, OS 8 and later
•
VMware ESX* 3.x supports SCO Open
Server 5, OpenUNIX* 8
•
Intel Backing
Limited lifetime warranty
•
90-day, money-back guarantee
(U.S. and Canada)
•
Advanced Software Features
Adapter Fault Tolerance (AFT)
•
Switch Fault Tolerance (SFT)
•
Adaptive Load Balancing (ALB)
•
Fast EtherChannel*4 (FEC)
•
Gigabit EtherChannel*4 (GEC)
•
Teaming support
Scales up to 4 connections
Multiple teams
Supports 2 separate teams, maximum
IEEE 802.3ad* (link aggregation
control protocol)4
•
Test switch configuration
Tested with major switch original
equipment manufacturers (OEMs)
PCIe Hot Plug*/Active peripheral
component interconnect (PCI)
•
IEEE 802.1Q* VLANs
•
IEEE 802.3* (z, ab, u, x) flow control support
•
TCP checksum offload — transmission
control protocol (TCP), user datagram
protocol (UDP), Internet protocol (IP)
•
IEEE 802.1p*
•
TCP segmentation/large send offload
•
Interrupt moderation
•
Technical Features
Data rate(s) supported per port
1000 Mbps
Bus type
PCI Express 1.0a
Bus width
x4 lane PCI Express operable in x4, x8,
x16 slots
Bus speed (x4, encoded rate)
10 Gbps uni-directional; 20 Gbps
bi-directional
EEPROM-SPI and single EEPROM support
•
Interrupt levels
INTA
Hardware certifications
FCC B, UL, CE, VCCI, BSMI, MIC
Controller-processor
Intel® 82572GI
Typical power consumption
3.3 W (3.3 V @ 1 A)
Operating temperature
0–55° C
Storage temperature
-40° C to 70° C (-40° F to 158° F)
LED indicators
2 (1/port, link and speed) solid
and blinking
Physical Dimensions
Length
12.95 cm (5.1 in)
Width
2.16 cm (0.85 in)
Height of end bracket
12.0 cm (4.725 in)
Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com