Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS207 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS207
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS207 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS207 Datasheet HTML 1Page - Sanyo Semicon Device FSS207 Datasheet HTML 2Page - Sanyo Semicon Device FSS207 Datasheet HTML 3Page - Sanyo Semicon Device FSS207 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6346-2/4
FSS207
Switching Time Test Circuit
Continued from preceding page.
PW=10
µs
D.C.
≤1%
4V
0V
VIN
P.G
50
Ω
G
S
ID=10A
RL=1Ω
VDD=10V
VOUT
VIN
D
FSS207
8
10
6
4
2
7
9
5
3
1
0
0
0.1
0.2
0.3
0.4
0.5
ID -- VDS
0
2
12
14
18
20
16
10
8
6
4
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID -- VGS
40
35
30
25
20
15
10
5
0
0
1
2
3
45
678
9
10
RDS(on) -- VGS
0
RDS(on) -- Ta
25
5
15
20
10
--60
--40
--20
0
40
20
60
80
100
160
140
120
IT01469
IT01470
IT01471
IT01472
VGS=1.5V
3.0V
6.0V
4.0V
VDS=10V
Ta=25
°C
ID=10A
2A
ID=2A,
VGS
=2.5V
ID=10A,
VGS
=4.0V
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Ambient Temperature, Ta – ˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
4s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
6
2s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
6
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
8
2s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
0
1
=5
7C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
0
1
=0
1C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
0
1
=2
1C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
0
1
=
S
G
0
=0
.
12
.
1V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com