Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS207 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS207
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS207 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS207 Datasheet HTML 1Page - Sanyo Semicon Device FSS207 Datasheet HTML 2Page - Sanyo Semicon Device FSS207 Datasheet HTML 3Page - Sanyo Semicon Device FSS207 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6346-3/4
FSS207
0.1
23
5 7 1.0
10
100
23
5
7
23
5
7
10
1000
100
7
5
3
2
7
5
3
2
SW Time -- ID
0
20
40
60
80
100
120
140
160
0.5
0
1.0
1.5
2.5
2.0
PD -- Ta
A S O
0.1
23
5 7
23
5 7
7
1.0
10
23
5
7
23
5
100
10
1.0
0.1
100
7
5
3
2
7
5
3
2
0.01
0.01
7
5
3
2
7
5
3
2
IT01477
IT01479
IT01478
7
5
3
2
10
9
8
7
6
5
4
3
2
1
0
010
20
30
25
35 40
45
55
50
60 65
70 75
515
VGS -- Qg
10000
7
5
3
2
1000
100
02
4
6
8
10
12
14
16
18
20
Ciss, Coss, Crss -- VDS
IT01475
IT01476
f=1MHz
Ciss
Coss
Crss
VDS=10V
ID=10A
td(on)
VDD=10V
VGS=4V
tr
td(off)
tf
Operation in this
area is limited by RDS(on).
DC
operation
IDP=52A
ID=10A
100
µs
1ms
100ms
10ms
7
5
3
2
100
7
5
3
2
7
5
3
2
10
1.0
0.1
23
5 7
2 3
5 7
2 3
5 7
2 3
5 7
0.1
0.01
1.0
10
100
100
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
10
1.0
0.1
0.01
0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
IF -- VSD
IT01473
IT01474
Ta=-
-25
°C
25
°C
75
°C
VDS=10V
VGS=0
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Mounted
on
a
ceramic
board
(1000mm
2×
0.8mm)
yfs -- ID



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com