Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS238 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSS238
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS238 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSS238 Datasheet HTML 1Page - Sanyo Semicon Device FSS238 Datasheet HTML 2Page - Sanyo Semicon Device FSS238 Datasheet HTML 3Page - Sanyo Semicon Device FSS238 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6401-2/4
FSS238
Switching Time Test Circuit
Continued from preceding page.
PW=10
µs
D.C.
≤1%
10V
0V
VIN
P.G
50
Ω
G
S
ID=14A
RL=1.07Ω
VDD=15V
VOUT
VIN
D
FSS238
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
7
3s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
8
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
4
2s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
1
=0
1
1C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
1
=6
1C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
4
1
=0
2C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
4
1
=
S
G
0
=8
7
.
02
.
1V
0
0
IT01293
IT01295
IT01294
IT01296
2
4
6
16
18
14
12
20
0.2
8
10
0.3
0.5
0.7
0.1
0.4
0.6
0.8
0.9
1.0
ID -- VDS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
ID -- VGS
VDS=10V
2
4
6
8
10
20
16
18
12
14
02
4
6
10
15
5
20
25
30
0
8
10
12
14
16
18
20
RDS(on) -- VGS
Ta=25
°C
14A
RDS(on) -- Ta
ID=7A,
VGS=4V
ID=14A,
VGS=10V
--50
0
5
10
15
20
25
30
--25
0
25
50
75
100
125
150
ID=7A
VGS=2.0V
Drain-to-Source Voltage, VDS – V
Gate-to-Source Voltage, VGS – V
Gate-to-Source Voltage, VGS – V
Ambient Temperature, Ta –˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com