Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS238 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS238
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS238 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS238 Datasheet HTML 1Page - Sanyo Semicon Device FSS238 Datasheet HTML 2Page - Sanyo Semicon Device FSS238 Datasheet HTML 3Page - Sanyo Semicon Device FSS238 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6401-3/4
FSS238
IT01299
IT01302
IT01300
IT01303
A S O
100ms
DC
operation
10
µs
100
µ
s
1m
s
10ms
IDP=56A
ID=14A
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
100
10
1.0
0.1
0.01
23
5 7
2 3
5 7
2 3
5 7
0.01
0.1
1.0
23
5 7
10
100
Operation in this
area is limited by RDS(on).
0
0
20
40
60
0.5
1.0
1.5
80
100
120
2.0
2.5
3.0
140
160
PD -- Ta
0.1
1.0
23
5 7
23
5 7
10
23
5 7 1.0
1000
100
7
5
3
2
7
5
3
2
10
7
5
3
2
100
SW Time -- ID
VDD=15V
VGS=10V
td(on)
td(off)
tr
tf
0
5
10
15
20
25
30
100
1000
10000
7
5
3
2
7
5
3
2
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
10
8
9
5
6
7
3
4
1
2
0
040
20
60
80
100
120
VGS -- Qg
IT01301
VDS=10V
ID=14A
IT01297
IT01298
0.001
0.01
1.0
23 5 7
23 5 7
235 7
10
235 7
235 70.01
0.1
100
0.1
7
5
3
2
1.0
10
7
5
3
2
7
5
3
2
7
5
3
2
100
yfs -- ID
VDS=10V
75
°C
Ta=-
-25
°C
0.2
1.0
0.9
0.8
0.4
0.3
0.6
0.5
0.7
0.001
0.01
100
10
0.1
7
5
3
2
7
5
3
2
1.0
7
5
3
2
7
5
3
2
7
5
3
2
IF -- VSD
VGS = 0
Drain Current, ID – A
Diode Forward Voltage, VSD – V
Drain Current, ID – A
Drain-to-Source Voltage, VDS – V
Total Gate Charge, Qg – nC
Drain-to-Source Voltage, VDS – V
Ambient Temperature, Ta –˚C
M
ounted
on
a ceram
ic board
(1200m
m 2×
0.8m
m
)
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2
×0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com