Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP120
Description  Complementary power Darlington transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP120 Datasheet(HTML) 1 Page - STMicroelectronics

  TIP120 Datasheet HTML 1Page - STMicroelectronics TIP120 Datasheet HTML 2Page - STMicroelectronics TIP120 Datasheet HTML 3Page - STMicroelectronics TIP120 Datasheet HTML 4Page - STMicroelectronics TIP120 Datasheet HTML 5Page - STMicroelectronics TIP120 Datasheet HTML 6Page - STMicroelectronics TIP120 Datasheet HTML 7Page - STMicroelectronics TIP120 Datasheet HTML 8Page - STMicroelectronics TIP120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
November 2008
Rev 4
1/13
13
TIP120, TIP121, TIP122
TIP125, TIP126, TIP127
Complementary power Darlington transistors
Features
■ Low collector-emitter saturation voltage
■ Complementary NPN - PNP transistors
Applications
■ General purpose linear and switching
Description
The devices are manufactured in planar
technology with “base island” layout and
monolithic Darlington configuration. The resulting
transistors show exceptional high gain
performance coupled with very low saturation
voltage.
Figure 1.
Internal schematic diagrams
TO-220
1
2
3
NPN: R1= 7 KΩ
PNP: R1= 16 KΩ
R2= 60 Ω
R2= 70 Ω
Table 1.
Device summary
Order codes
Marking
Package
Packaging
TIP120
TIP120
TO-220
Tube
TIP121
TIP121
TIP122
TIP122
TIP125
TIP125
TIP126
TIP126
TIP127
TIP127
www.st.com


Similar Part No. - TIP120

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120 Datasheet
251Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 2
logo
Power Innovations Ltd
TIP120 POINN-TIP120 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP120 STMICROELECTRONICS-TIP120 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
COMPLEMENTARY POWER DARLINGTON TRANSISTORS
Aug-2002
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
Complementary power Darlington transistors
02-Dec-2009
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
Complementary power Darlington transistors
12-May-2010
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
Complementary power Darlington transistors
08-Mar-2010
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
Complementary power Darlington transistors
07-Apr-2010
logo
ON Semiconductor
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com