Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TIP120
Description  Complementary power Darlington transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP120 Datasheet(HTML) 3 Page - STMicroelectronics

  TIP120 Datasheet HTML 1Page - STMicroelectronics TIP120 Datasheet HTML 2Page - STMicroelectronics TIP120 Datasheet HTML 3Page - STMicroelectronics TIP120 Datasheet HTML 4Page - STMicroelectronics TIP120 Datasheet HTML 5Page - STMicroelectronics TIP120 Datasheet HTML 6Page - STMicroelectronics TIP120 Datasheet HTML 7Page - STMicroelectronics TIP120 Datasheet HTML 8Page - STMicroelectronics TIP120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TIP120, TIP121, TIP122, TIP125, TIP126, TIP127
Electrical ratings
3/13
1
Electrical ratings
Table 2.
Absolute maximum rating(1)
1.
For PNP types voltage and current values are negative.
Symbol
Parameter
Value
Unit
NPN
TIP120
TIP121
TIP122
PNP
TIP125
TIP126
TIP127
VCBO
Collector-base voltage (IE = 0)
60
80
100
V
VCEO
Collector-emitter voltage (IB = 0)
60
80
100
V
VEBO
Emitter-base voltage (IC = 0)
5
V
IC
Collector current
5
A
ICM
Collector peak current
8
A
IB
Base current
0.12
A
PTOT
Total dissipation at Tc ≤25 °C
Tamb ≤25 °C
65
2
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max.
1.92
°C/W
Rthj-amb Thermal resistance junction-ambient max.
62.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com