Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4252D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4252D
Description  Tracking Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252D Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4252D Datasheet HTML 1Page - Infineon Technologies AG TLE4252D Datasheet HTML 2Page - Infineon Technologies AG TLE4252D Datasheet HTML 3Page - Infineon Technologies AG TLE4252D Datasheet HTML 4Page - Infineon Technologies AG TLE4252D Datasheet HTML 5Page - Infineon Technologies AG TLE4252D Datasheet HTML 6Page - Infineon Technologies AG TLE4252D Datasheet HTML 7Page - Infineon Technologies AG TLE4252D Datasheet HTML 8Page - Infineon Technologies AG TLE4252D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TLE 4252
Data Sheet
3
Rev. 1.4, 2007-03-20
Figure 2
Pin Configuration (Draft, subject to alternation!)
Table 1
Pin Definitions and Functions (draft, subject to alternation)
Pin No.
Symbol
Function
1I
Supply voltage input; Input for battery or a pre-regulated
voltage of a e.g. DC to DC converter.
2EN
Enable input for tracker; An active high signal turns on the
device, with active low the tracker is turned off.
3GND
Ground; Connected to the heatsink of the package.
4ADJ
Adjust input for tracker; Input for the reference voltage
which can be connected directly or by voltage divider to the
reference (see Application Information).
5Q
Output voltage of tracker; For a stable operation to avoid
ringing at the output connect a capacitor of
C
Q ≥ 10 μF and
0
≤ ESR ≤ 5 Ω to GND.
AEP 03534.VSD
TLE 4252
(PG-TO252-5-11 D-Pak)
1
4
5
3
2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com