Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4252D Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4252D
Description  Tracking Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252D Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4252D Datasheet HTML 5Page - Infineon Technologies AG TLE4252D Datasheet HTML 6Page - Infineon Technologies AG TLE4252D Datasheet HTML 7Page - Infineon Technologies AG TLE4252D Datasheet HTML 8Page - Infineon Technologies AG TLE4252D Datasheet HTML 9Page - Infineon Technologies AG TLE4252D Datasheet HTML 10Page - Infineon Technologies AG TLE4252D Datasheet HTML 11Page - Infineon Technologies AG TLE4252D Datasheet HTML 12Page - Infineon Technologies AG TLE4252D Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
9
Rev. 1.4, 2007-03-20
TLE 4252
Diagrams
Output Current Limit
I
Q versus
Input Voltage
V
I
Current Consumption
I
q versus
Output Current
I
Q
Drop Voltage
V
DR versus
Output Current
I
Q
Drop Voltage
V
DR versus
Junction Temperature
T
J
A E D 035 37. V S D
0
V
I1 , 2
10
2 0
30
4 0
5 0
0
100
200
300
400
500
mA
V
T
j = 2 5 ° C
I
Q1 , 2
0.2
I
Q [mA]
110
TL E42 52_ IQ -IQ .VSD
1
0.1
10
100
I
q [mA]
V
I = 13.5 V
V
ADJ= 5 V
T
j = 25 °C
0.2
I
Q [mA]
110
TLE4 252 _VDR-IQ .VSD
100
10
1000
100
V
dr [mV]
T
j = 25 °C
-40
Tj [°C]
-20
20 40
80 100
V
dr [mV]
TLE425 2_VDR-TJ .VSD
300
200
100
400
060
140
120
I
Q = 100 mA
600
I
Q = 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com