Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263GS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4263GS
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263GS Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4263GS Datasheet HTML 1Page - Infineon Technologies AG TLE4263GS Datasheet HTML 2Page - Infineon Technologies AG TLE4263GS Datasheet HTML 3Page - Infineon Technologies AG TLE4263GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data Sheet
2
Rev. 2.8, 2007-03-20
TLE 4263
Choosing External Components
The input capacitor
C
I is necessary for compensation of line influences. Using a resistor
of approx. 1
Ω in series with C
I, the oscillating circuit consisting of input inductivity and
input capacitance can be damped. The output capacitor is necessary for the stability of
the regulating circuit. Stability is guaranteed at values
≥ 22 µF and an ESR of ≤ 3 Ω
within the operating temperature range. For small tolerances of the reset delay the
spread of the capacitance of the delay capacitor and its temperature coefficient should
be noted.
Figure 1
Pin Configuration (top view)
10
9
I
1
2
3
4
5
6
7
14
13
12
11
AEP03067
8
GND
GND
GND
W
N.C.
GND
GND
GND
D
RADJ
RO
Q
INH
TLE 4263 GM
TLE 4263 GS
TLE 4263 G
D
RADJ
W
GND
5
6
7
RO
8
4
3
2
1
AEP01668_4263
Q
INH
I
1
4
3
2
5
6
7
8
9
10
20
17
18
19
16
15
14
13
12
11
INH
GND
V
I
N.C.
GND
GND
GND
N.C.
V
Q
W
N.C.
GND
RO
N.C.
GND
GND
GND
N.C.
D
RADJ
AEP01099_4263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com