Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263GS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4263GS
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263GS Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4263GS Datasheet HTML 1Page - Infineon Technologies AG TLE4263GS Datasheet HTML 2Page - Infineon Technologies AG TLE4263GS Datasheet HTML 3Page - Infineon Technologies AG TLE4263GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Type
Package
Type
Package
TLE 4263 GS
PG-DSO-8-16
TLE 4263 GM
PG-DSO-14-30
TLE 4263 G
PG-DSO-20-35
5-V Low Drop Voltage Regulator
TLE 4263
^
P-DSO-14-3, -8, -9, -11, 14
P-DSO-20-1, -6, -7, -9, -14, -15, -17, -
P/PG-DSO-8-3, -6, -7, -8, -9,
Data Sheet
1
Rev. 2.8, 2007-03-20
Features
•
Output voltage tolerance
≤ ±2%
•
200 mA output current capability
•
Low-drop voltage
•
Very low standby current consumption
•
Overtemperature protection
•
Reverse polarity protection
•
Short-circuit proof
•
Adjustable reset threshold
•
Watchdog
•
Wide temperature range
•
Suitable for use in automotive electronics
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
TLE 4263 is a 5-V low drop voltage regulator in a SMD
package
PG-DSO-14-30,
PG-DSO-20-35,
or
PG-DSO-8-16. The maximum input voltage is 45 V. The
maximum output current is more than 200 mA. The IC is
short-circuit
proof
and
incorporates
temperature
protection which turns off the IC at overtemperature.
The IC regulates an input voltage
V
I in the range of 6 V <
V
I < 45 V to VQ,nom = 5.0 V. A reset signal is generated for
an output voltage of
V
Q,rt < 4.5 V. This voltage threshold
can be decreased to 3.5 V by external connection of a
voltage divider. The reset delay can be set externally by a capacitor. The integrated
watchdog logic supervises the connected microcontroller. The IC can be switched off via
the inhibit input, which causes the current consumption to drop from 900
µA to typical 0 µA.


Similar Part No. - TLE4263GS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4263GS INFINEON-TLE4263GS Datasheet
233Kb / 19P
5-V Low Drop Voltage Regulator
Rev. 2.9, 2013-11-25
More results

Similar Description - TLE4263GS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4260 SIEMENS-TLE4260 Datasheet
139Kb / 14P
5-V Low-Drop Voltage Regulator
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
5-V Low-Drop Voltage Regulator
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
5 V low drop voltage regulator
Rev. 1.0 2023-07-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com