Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR13B554JD Datasheet(PDF) 14 Page - Kemet Corporation

Part # CSR13B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR13B554JD Datasheet(HTML) 14 Page - Kemet Corporation

Back Button CSR13B554JD Datasheet HTML 10Page - Kemet Corporation CSR13B554JD Datasheet HTML 11Page - Kemet Corporation CSR13B554JD Datasheet HTML 12Page - Kemet Corporation CSR13B554JD Datasheet HTML 13Page - Kemet Corporation CSR13B554JD Datasheet HTML 14Page - Kemet Corporation CSR13B554JD Datasheet HTML 15Page - Kemet Corporation CSR13B554JD Datasheet HTML 16Page - Kemet Corporation CSR13B554JD Datasheet HTML 17Page - Kemet Corporation CSR13B554JD Datasheet HTML 18Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
KEMET T110
MIL-PRF-39003 (CSR13) CAPACITORS
DASH NUMBER REFERENCE
FAILURE RATE LEVEL (%/1000 HRS.)
MAX.
D.C.
DISSIPATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
KEMET
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
PART NUMBER
MAX.
120Hz
(1.0)
(0.1)
(0.01) (0.001)
(0.1)
(0.01) (0.001)
PART NUMBER
100 VOLT RATING AT 85°C — 67 VOLT RATING AT 125°C (Cont’d)
0.022
A
20
T110A223M100AS
0.3
2
2436 2676 2916 3156 6326 7326
*
T212A223M100(2)S
0.027
A
5
T110A273J100AS
0.3
2
5131 5331 5531 5731 6327 7327
*
T212A273J100(2)S
0.027
A
10
T110A273K100AS
0.3
2
2437 2677 2917 3157 6328 7328
*
T212A273K100(2)S
0.027
A
20
T110A273M100AS
0.3
2
0.033
A
5
T110A333J100AS
0.3
2
5132 5332 5532 5732 6329 7329
*
T212A333J100(2)S
0.033
A
10
T110A333K100AS
0.3
2
2438 2678 2918 3158 6330 7330
*
T212A333K100(2)S
0.033
A
20
T110A333M100AS
0.3
2
2439 2679 2919 3159 6331 7331
*
T212A333M100(2)S
0.039
A
5
T110A393J100AS
0.3
2
5133 5333 5533 5733 6332 7332
*
T212A393J100(2)S
0.039
A
10
T110A393K100AS
0.3
2
2440 2680 2920 3160 6333 7333
*
T212A393K100(2)S
0.039
A
20
T110A393M100AS
0.3
2
0.047
A
5
T110A473J100AS
0.3
2
5134 5334 5534 5734 6334 7334
*
T212A473J100(2)S
0.047
A
10
T110A473K100AS
0.3
2
2441 2681 2921 3161 6335 7335
*
T212A473K100(2)S
0.047
A
20
T110A473M100AS
0.3
2
2442 2682 2922 3162 6336 7336
*
T212A473M100(2)S
0.056
A
5
T110A563J100AS
0.3
2
5135 5335 5535 5735 6337 7337
*
T212A563J100(2)S
0.056
A
10
T110A563K100AS
0.3
2
2443 2683 2923 3163 6338 7338
*
T212A563K100(2)S
0.056
A
20
T110A563M100AS
0.3
2
0.068
A
5
T110A683J100AS
0.3
2
5136 5336 5536 5736 6339 7339
*
T212A683J100(2)S
0.068
A
10
T110A683K100AS
0.3
2
2444 2684 2924 3164 6340 7340
*
T212A683K100(2)S
0.068
A
20
T110A683M100AS
0.3
2
2445 2685 2925 3165 6341 7341
*
T212A683M100(2)S
0.082
A
5
T110A823J100AS
0.3
2
5137 5337 5537 5737 6342 7342
*
T212A823J100(2)S
0.082
A
10
T110A823K100AS
0.3
2
2446 2686 2926 3166 6343 7343
*
T212A823K100(2)S
0.082
A
20
T110A823M100AS
0.3
2
0.1
A
5
T110A104J100AS
0.3
2
5138 5338 5538 5738 6344 7344
*
T212A104J100(2)S
0.1
A
10
T110A104K100AS
0.3
2
2447 2687 2927 3167 6345 7345
*
T212A104K100(2)S
0.1
A
20
T110A104M100AS
0.3
2
2448 2688 2928 3168 6346 7346
*
T212A104M100(2)S
0.12
A
5
T110A124J100AS
0.3
2
5139 5339 5539 5739 6347 7347
*
T212A124J100(2)S
0.12
A
10
T110A124K100AS
0.3
2
2449 2689 2929 3169 6348 7348
*
T212A124K100(2)S
0.12
A
20
T110A124M100AS
0.3
2
0.15
A
5
T110A154J100AS
0.3
2
5140 5340 5540 5740 6349 7349
*
T212A154J100(2)S
0.15
A
10
T110A154K100AS
0.3
2
2450 2690 2930 3170 6350 7350
*
T212A154K100(2)S
0.15
A
20
T110A154M100AS
0.3
2
2451 2691 2931 3171 6351 7351
*
T212A154M100(2)S
0.18
A
5
T110A184J100AS
0.3
2
5141 5341 5541 5741 6352 7352
*
T212A184J100(2)S
0.18
A
10
T110A184K100AS
0.3
2
2452 2692 2932 3172 6353 7353
*
T212A184K100(2)S
0.18
A
20
T110A184M100AS
0.3
2
0.22
A
5
T110A224J100AS
0.3
2
5142 5342 5542 5742 6354 7354
*
T212A224J100(2)S
0.22
A
10
T110A224K100AS
0.3
2
2453 2693 2933 3173 6355 7355
*
T212A224K100(2)S
0.22
A
20
T110A224M100AS
0.3
2
2454 2694 2934 3174 6356 7356
*
T212A224M100(2)S
0.27
A
5
T110A274J100AS
0.3
2
5143 5343 5543 5743 6357 7357
*
T212A274J100(2)S
0.27
A
10
T110A274K100AS
0.3
2
2455 2695 2935 3175 6358 7358
*
T212A274K100(2)S
0.27
A
20
T110A274M100AS
0.3
2
0.33
A
5
T110A334J100AS
0.3
2
5144 5344 5544 5744 6359 7359
*
T212A334J100(2)S
0.33
A
10
T110A334K100AS
0.3
2
2456 2696 2936 3176 6360 7360
*
T212A334K100(2)S
0.33
A
20
T110A334M100AS
0.3
2
2457 2697 2937 3177 6361 7361
*
T212A334M100(2)S
0.39
A
5
T110A394J100AS
0.3
2
5145 5345 5545 5745 6362 7362
*
T212A394J100(2)S
0.39
A
10
T110A394K100AS
0.3
2
2458 2698 2938 3178 6363 7363
*
T212A394K100(2)S
0.39
A
20
T110A394M100AS
0.3
2
0.47
A
5
T110A474J100AS
0.3
2
5146 5346 5546 5746 6364 7364
*
T212A474J100(2)S
0.47
A
10
T110A474K100AS
0.3
2
2459 2699 2939 3179 6365 7365
*
T212A474K100(2)S
0.47
A
20
T110A474M100AS
0.3
2
2460 2700 2940 3180 6366 7366
*
T212A474M100(2)S
0.56
A
5
T110A564J100AS
0.3
2
5147 5347 5547 5747 6367 7367
*
T212A564J100(2)S
0.56
A
10
T110A564K100AS
0.3
2
2461 2701 2941 3181 6368 7368
*
T212A564K100(2)S
0.56
A
20
T110A564M100AS
0.3
2
0.68
B
5
T110B684J100AS
0.3
2
5148 5348 5548 5748 6369 7369
*
T212B684J100(2)S
0.68
B
10
T110B684K100AS
0.3
2
2462 2702 2942 3182 6370 7370
*
T212B684K100(2)S
0.68
B
20
T110B684M100AS
0.3
2
2463 2703 2943 3183 6371 7371
*
T212B684M100(2)S
0.82
B
5
T110B824J100AS
0.4
2
5149 5349 5549 5749 6372 7372
*
T212B824J100(2)S
0.82
B
10
T110B824K100AS
0.4
2
2464 2704 2944 3184 6373 7373
*
T212B824K100(2)S
0.82
B
20
T110B824M100AS
0.4
2
1.0
B
5
T110B105J100AS
0.5
2
5150 5350 5550 5750 6374 7374
*
T212B105J100(2)S
1.0
B
10
T110B105K100AS
0.5
2
2465 2705 2945 3185 6375 7375
*
T212B105K100(2)S
1.0
B
20
T110B105M100AS
0.5
2
2466 2706 2946 3186 6376 7376
*
T212B105M100(2)S
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T110 SERIES — POLAR TYPE & T212 (CSR13)
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
17
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/1H
EXPONENTIAL
MIL-PRF-39003/1H
GRADED
(1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6.
(2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character.
Bold Face lines indicate popular part types and values.
*Note: D Failure Rate — Not QPL for -8304 thru -8401.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com